Electronic Components Datasheet Search
  English  ▼

X  

LTC3834 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3834
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3834 Datasheet HTML 14Page - Linear Technology LTC3834 Datasheet HTML 15Page - Linear Technology LTC3834 Datasheet HTML 16Page - Linear Technology LTC3834 Datasheet HTML 17Page - Linear Technology LTC3834 Datasheet HTML 18Page - Linear Technology LTC3834 Datasheet HTML 19Page - Linear Technology LTC3834 Datasheet HTML 20Page - Linear Technology LTC3834 Datasheet HTML 21Page - Linear Technology LTC3834 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
LTC3890-3
18
38903f
For more information www.linear.com/3890-3
applicaTions inForMaTion
Power MOSFET and Schottky Diode
(Optional) Selection
Two external power MOSFETs must be selected for each
controller in the LTC3890-3: one N-channel MOSFET for
the top (main) switch, and one N-channel MOSFET for the
bottom (synchronous) switch.
Thepeak-to-peakdrivelevelsaresetbytheINTVCCvoltage.
This voltage is typically 5.1V during start-up (see EXTVCC
Pin Connection). Consequently, logic-level threshold
MOSFETs must be used in most applications. Pay close
attentiontotheBVDSSspecificationfortheMOSFETsaswell.
Selection criteria for the power MOSFETs include the
on-resistance, RDS(ON), Miller capacitance, CMILLER, input
voltage and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge curve
usually provided on the MOSFET manufacturers’ data
sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the Gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
Main Switch Duty Cycle
=
VOUT
VIN
Synchronous Switch Duty Cycle
=
VIN − VOUT
VIN
The MOSFET power dissipations at maximum output
current are given by:
PMAIN =
VOUT
VIN
IMAX
(
)2 1+δ
(
)RDS(ON) +
VIN
( )2
IMAX
2
 RDR
( ) CMILLER
(
) •
1
VINTVCC – VTHMIN
+
1
VTHMIN
 f
( )
PSYNC =
VIN – VOUT
VIN
IMAX
(
)2 1+δ
(
)RDS(ON)
where
δ is the temperature dependency of RDS(ON) and
RDR (approximately 2Ω) is the effective driver resistance
at the MOSFET’s Miller threshold voltage. VTHMIN is the
typical MOSFET minimum threshold voltage.
BothMOSFETshaveI2RlosseswhilethetopsideN-channel
equation includes an additional term for transition losses,
which are highest at high input voltages. For VIN < 20V
the high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V the transition losses rapidly
increase to the point that the use of a higher RDS(ON)device
with lower CMILLERactuallyprovideshigherefficiency.The
synchronous MOSFET losses are greatest at high input
voltage when the top switch duty factor is low or during
a short-circuit when the synchronous switch is on close
to 100% of the period.
The term (1+
δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com