Electronic Components Datasheet Search
  English  ▼

X  

LTC3810 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3810
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3810 Datasheet(HTML) 5 Page - Linear Technology

  LTC3810 Datasheet HTML 1Page - Linear Technology LTC3810 Datasheet HTML 2Page - Linear Technology LTC3810 Datasheet HTML 3Page - Linear Technology LTC3810 Datasheet HTML 4Page - Linear Technology LTC3810 Datasheet HTML 5Page - Linear Technology LTC3810 Datasheet HTML 6Page - Linear Technology LTC3810 Datasheet HTML 7Page - Linear Technology LTC3810 Datasheet HTML 8Page - Linear Technology LTC3810 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LTC3890-2
5
38902f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless otherwise noted.
(Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD1 and PGOOD2 Outputs
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.2
0.4
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
μA
VPG
PGOOD Trip Level
VFB with Respect to Set Regulated Voltage
VFB Ramping Negative
Hysteresis
–13
–10
2.5
–7
%
%
VFB with Respect to Set Regulated Voltage
VFB Ramping Positive
Hysteresis
710
2.5
13
%
%
tPG
Delay for Reporting a Fault
25
μs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Ratings for extended periods may affect device reliability and lifetime.
Note 2: The LTC3890-2 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3890E-2 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3890I-2 is guaranteed
over the –40°C to 125°C operating junction temperature range, the
LTC3890H-2 is guaranteed over the –40°C to 150°C operating junction
temperature range and the LTC3890MP-2 is tested and guaranteed over
the –55°C to 150°C operating junction temperature range.
High junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures greater than 125°C. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board layout,
the rated package thermal impedance and other environmental factors.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 34°C/W)
Note 4: The LTC3890-2 is tested in a feedback loop that servos VITH1,2 to a
specified voltage and measures the resultant VFB. The specification at 85°C is not
tested in production and is assured by design, characterization and correlation
to production testing at other temperatures (125°C for the LTC3890E-2/
LTC3890I-2, 150°C for the LTC3890H-2/LTC3890MP-2). For the LTC3890MP-2,
the specification at –40°C is not tested in production and is assured by design,
characterization and correlation to production testing at –55°C.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current ≥ 40% of IMAX (See Minimum On-Time
Considerations in the Applications Information section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com