Electronic Components Datasheet Search
  English  ▼

X  

LT1494 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1494
Description  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1494 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1494 Datasheet HTML 9Page - Linear Technology LT1494 Datasheet HTML 10Page - Linear Technology LT1494 Datasheet HTML 11Page - Linear Technology LT1494 Datasheet HTML 12Page - Linear Technology LT1494 Datasheet HTML 13Page - Linear Technology LT1494 Datasheet HTML 14Page - Linear Technology LT1494 Datasheet HTML 15Page - Linear Technology LT1494 Datasheet HTML 16Page - Linear Technology LT1494 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT6016/LT6017
13
60167fa
APPLICATIONS INFORMATION
Supply Voltage
The positive supply pin of the LT6016/LT6017 should
be bypassed with a small capacitor (typically 0.1μF) as
close to the supply pins as possible. When driving heavy
loads an additional 4.7μF electrolytic capacitor should be
added. When using split supplies, the same is true for
the V– supply pin.
The LT6017 consists of two dual amplifier dice assembled
in a single DFN package which share a common substrate
(V–). While the V– pins of the quad (pins 5 and 7) must
always be tied together and to the exposed pad underneath,
the V+ power supply pins (pins 16 and 18) may be sup-
plied independently. The B and C channel amplifiers are
supplied through V+ by pin 16, and the A and D channel
amplifiers are supplied by pin 18. If pin 16 and pin 18 are
not tied together and are biased independently, each V+ pin
should have their own dedicated supply bypass to ground.
Shutdown
While there are no dedicated shutdown pins for the LT6016/
LT6017, the amplifiers can effectively be shut down into
a low power state by removing V+. In this condition the
input bias current is typically less than 1nA with the inputs
biased between V– and 76V above V–, and if the inputs are
taken below V–, they appear as a diode in series with 1k of
resistance. The output may be pulled up to 50V above the
V+ power supply in this condition (See Figure 1). Pulling
the output pin below V– will produce unlimited current
and can damage the part.
Reverse Battery
The LT6016/LT6017 are protected against reverse battery
voltages up to 50V. In the event a reverse battery condi-
tion occurs, the supply current is typically less than 5μA
(assuming the inputs are biased within a diode drop from
V–). For typical single supply applications with ground re-
ferred loads and feedback networks, no other precautions
are required. If the reverse battery condition results in a
negative voltage at the input pins, the current into the pin
should be limited by an external resistor to less than 10mA.
Inputs
Referring to the Simplified Schematic, the LT6016/LT6017
has two input stages: a common emitter differential input
stage consisting of PNP transistors Q1 and Q2 which
operate when the inputs are biased between V– and 1.5V
below V+, and a common base input stage consisting of
PNP transistors Q3 to Q6 which operate when the common
mode input is biased greater than V+ –1.5V. This results
in two distinct operating regions as shown in Figure 2.
For common mode input voltages approximately 1.5V or
more below the V+ supply (Q1 and Q2 active), the com-
mon emitter PNP input stage is active and the input bias
current is typically under ±2nA. When the common mode
input is within approximately 1V of the V+ supply or higher
Figure 1. LT6016/LT6017 Fault Tolerant Conditions
INPUTS DRIVEN ABOVE
SUPPLY TOLERANT
5V
–
+
OK!
80V
+
REVERSE BATTERY
TOLERANT
–50V
–
+
OK!
INPUTS DRIVEN BELOW
GROUND TOLERANT
25V
TRANSIENT
5V
–
+
OK!
LARGE DIFFERENTIAL
INPUT VOLTAGE
TOLERANT
5V
–
+
OK!
80V
+
OUTPUT DRIVEN ABOVE THE
V+ SUPPLY (IN SHUTDOWN)
TOLERANT
0V
–
+
OK!
60167 F01
50V
+
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com