Electronic Components Datasheet Search
  English  ▼

X  

LT1495 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1495
Description  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1495 Datasheet(HTML) 1 Page - Linear Technology

  LT1495 Datasheet HTML 1Page - Linear Technology LT1495 Datasheet HTML 2Page - Linear Technology LT1495 Datasheet HTML 3Page - Linear Technology LT1495 Datasheet HTML 4Page - Linear Technology LT1495 Datasheet HTML 5Page - Linear Technology LT1495 Datasheet HTML 6Page - Linear Technology LT1495 Datasheet HTML 7Page - Linear Technology LT1495 Datasheet HTML 8Page - Linear Technology LT1495 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LT6016/LT6017
1
60167fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual/Quad 3.2MHz, 0.8V/µs
Low Power, Over-The-Top
Precision Op Amp
APPLICATIONS
L, LT, LTC, LTM, Linear Technology, Over-The-Top and the Linear logo are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
n Input Common Mode Range: V– to V– + 76V
n Rail-to-Rail Input and Output
n Low Power: 315μA/Amplifier
n Operating Temperature Range: –55°C to 150°C
n VOS: ±50μV (Maximum)
n CMRR, PSRR: 126dB
n Reverse Battery Protection to 50V
n Gain Bandwidth Product: 3.2MHz
n Specified on 5V and ±15V Supplies
n High Voltage Gain: 1000V/mV
n No Phase Reversal
n No Supply Sequencing Problems
n Dual 8-Lead MSOP
n Quad 22-Lead DFN (6mm × 3mm)
n High Side or Low Side Current Sensing
n Battery/Power Supply Monitoring
n 4mA to 20mA Transmitters
n High Voltage Data Acquisition
n Battery/Portable Instrumentation
The LT®6016/LT6017 are dual and quad rail-to-rail input
operational amplifiers with input offset voltage trimmed to
less than 50μV. These amplifiers operate on single and split
supplies with a total voltage of 3V to 50V and draw only
315μA per amplifier. They are reverse battery protected,
drawing very little current for reverse supplies up to 50V.
The Over-The-Top® input stage of the LT6016/LT6017 is de-
signed to provide added protection in tough environments.
The input common mode range extends from V– to V+ and
beyond: these amplifiers operate with inputs up to 76V
above V– independent of V+. Internal resistors protect the
inputs against transient faults up to 25V below the negative
supply. The LT6016/LT6017 can drive loads up to 25mA
and are unity-gain stable with capacitive loads as large
as 200pF. Optional external compensation can be added
to extend the capacitive drive capability beyond 200pF.
The LT6016 dual op amp is available in an 8-lead MSOP
package. The LT6017 is offered in a 22-pin leadless DFN
package.
Precision High Voltage High Side Load Current Monitor
Output Error vs Load Current
–
+
LT6016
5V
0.1μF
200Ω
100Ω
1%
200Ω
0.1Ω
10W
BSP89
1V/A
0V TO 1V OUT
VBAT = 1.5V TO 76V
60167 TA01a
2k
LOAD
LOAD CURRENT (A)
0.01
–1.0
0
0.2
–0.2
–0.4
–0.6
–0.8
0.1
60167 TA01b
1
VBAT = 1.5V
VBAT = 5V
VBAT = 20V
VBAT = 75V


Similar Part No. - LT1495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1495 LINER-LT1495 Datasheet
314Kb / 12P
1.5uA Max, Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1495 LINER-LT1495 Datasheet
262Kb / 16P
1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1495 LINER-LT1495 Datasheet
147Kb / 12P
Nanopower Comparator with Reference
LT1495 LINER-LT1495 Datasheet
264Kb / 16P
1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1495 LINER-LT1495 Datasheet
1,014Kb / 22P
3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
More results

Similar Description - LT1495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
Quad Precision Op Amp
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Technology
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT6015 LINER-LT6015_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6016 LINER-LT6016_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6017 LINER-LT6017_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6015 LINER-LT6015 Datasheet
1,014Kb / 22P
3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
logo
Analog Devices
ADA4097-1 AD-ADA4097-1 Datasheet
517Kb / 27P
50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
5/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com