Electronic Components Datasheet Search
  English  ▼

X  

LT1496 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1496
Description  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1496 Datasheet(HTML) 4 Page - Linear Technology

  LT1496 Datasheet HTML 1Page - Linear Technology LT1496 Datasheet HTML 2Page - Linear Technology LT1496 Datasheet HTML 3Page - Linear Technology LT1496 Datasheet HTML 4Page - Linear Technology LT1496 Datasheet HTML 5Page - Linear Technology LT1496 Datasheet HTML 6Page - Linear Technology LT1496 Datasheet HTML 7Page - Linear Technology LT1496 Datasheet HTML 8Page - Linear Technology LT1496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LT6016/LT6017
4
60167fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified
temperature range, –40°C < TA < 85°C for I-grade parts, –40°C < TA < 125°C for H–grade parts, otherwise specifications are at
TA = 25°C, VS = 5V, VCM = VOUT = mid-supply.
SYMBOL
PARAMETER
CONDITIONS
MIN
I-, H-GRADE
TYP
MAX
UNITS
VOSI
Input Offset Voltage
VS = ±25V
VS = ±25V
l
l
–80
–250
–110
–250
±55
±55
±75
±75
80
250
110
250
μV
μV
μV
μV
ΔVOSI
ΔTEMP
Input Offset Voltage Drift
0.75
μV/°C
IB
Input Bias Current
l
–5
–15
±2
±2
5
15
nA
nA
IOS
Input Offset Current
l
–5
–15
±2
±2
5
15
nA
nA
VCMR
Common Mode Input Range
l
–15
61
V
CIN
Differential Input Capacitance
5pF
RIN
Differential Input Resistance
0 < VCM < V+ – 1.75V
VCM > V+
1
3.7
MΩ
kΩ
RINCM
Common Mode Input Resistance
0 < VCM < V+ – 1.75V
VCM > V+
>1
>100
GΩ
MΩ
en
Input Referred Noise Voltage Density
f = 1kHz
VCM < V+ – 1.75V
VCM > V+
18
25
nV/√Hz
nV/√Hz
Input Referred Noise Voltage
f = 0.1Hz to 10Hz
VCM < V+ – 1.25V
0.5
μVP-P
in
Input Referred Noise Current Density
f = 1kHz
VCM < V+ – 1.75V
VCM > V+
0.1
11.5
pA/√Hz
pA/√Hz
AVOL
Open Loop Gain
RL = 10kΩ
ΔVOUT = 27V
l
200
1000
V/mV
PSRR
Supply Rejection Ratio
VS = ±2.5V to ±25V
VCM = VOUT = 0V
l
114
126
dB
CMRR
Input Common Mode Rejection Ratio
VCM = –15V to 13.25V
l
110
126
dB
VOL
Output Voltage Swing Low
VS = ±15V, No Load
VS = ±15V, 5mA
l
l
3
280
55
500
mV
mV
VOH
Output Voltage Swing High
VS = ±15V, No Load
VS = ±15V, 5mA
l
l
450
1000
700
1250
mV
mV
The
l denotes the specifications which apply over the specified temperature range, –40°C < TA < 85°C for I-grade parts, –40°C < TA <
125°C for H–grade parts, otherwise specifications are at TA = 25°C, VS = ±15V, VCM = VOUT = mid-supply.
SYMBOL
PARAMETER
CONDITIONS
MIN
I-, H-GRADE
TYP
MAX
UNITS
GBW
Gain Bandwidth Products
fTEST = 10kHz
l
2.85
2.5
3.2
3.2
MHz
MHz
SR
Slew Rate
ΔVOUT = 3V
l
0.55
0.45
0.75
0.75
V/μs
V/μs
tS
Settling Time Due to Input Step
ΔVOUT = ±2V
0.1% Settling
3.5
μs
VS
Supply Voltage
Reverse Supply (Note 7)
IS < –25μA/Amplifier
l
l
3
3.3
–65
50
50
–50
V
V
V
IS
Supply Current Per Amplifier
VS = 5V
l
315
315
335
500
μA
μA
RO
Output Impedance
ΔIO = ±5mA
0.15
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com