Electronic Components Datasheet Search
  English  ▼

X  

LT6230 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6230
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6230 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6230 Datasheet HTML 9Page - Linear Technology LT6230 Datasheet HTML 10Page - Linear Technology LT6230 Datasheet HTML 11Page - Linear Technology LT6230 Datasheet HTML 12Page - Linear Technology LT6230 Datasheet HTML 13Page - Linear Technology LT6230 Datasheet HTML 14Page - Linear Technology LT6230 Datasheet HTML 15Page - Linear Technology LT6230 Datasheet HTML 16Page - Linear Technology LT6230 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT6236/LT6237
13
623637f
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Gain
Open-Loop Gain
Open-Loop Gain
Offset Voltage vs Output Current
Warm-Up Drift vs Time
Total Noise vs Total Source
Resistance
Noise Voltage and Unbalanced
Noise Current vs Frequency
0.1Hz to 10Hz Input Voltage
Noise
Gain Bandwidth and Phase
Margin vs Temperature
OUTPUT VOLTAGE (V)
0
1.5
62367 G10
0.5
1
2
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
3
2.5
RL = 100Ω
RL = 1k
VS = 3V, 0V
TA = 25°C
OUTPUT VOLTAGE (V)
0
1.5
62367 G11
0.5
1
2
0
345
2.5
3.5
4.5
RL = 100Ω
RL = 1k
VS = 5V, 0V
TA = 25°C
2.5
2.0
1.5
1.0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
OUTPUT VOLTAGE (V)
–5
–2
62367 G12
–4 –3
–1
0
135
024
RL = 100Ω
RL = 1k
VS = ±5V
TA = 25°C
2.5
2.0
1.5
1.0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
OUTPUT CURRENT (mA)
–75
62367 G13
–45
–15
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
030
75
60
–60
–30
15
45
TA = –55°C
TA = 125°C
VS = ±5V
TA = 25°C
TIME AFTER POWER-UP (s)
0
60
62367 G14
20
100
30
28
24
20
16
26
22
18
14
12
10
140
40
80
120
160
TA = 25°C
VS = ±5V
VS = ±2.5V
VS = ±1.5V
SOURCE RESISTANCE (Ω)
1
10
10
1k
10k
100k
62367 G15
0.1
100
100
VS = ±2.5V
VCM = 0V
f = 100kHz
UNBALANCED
SOURCE
RESISTORS
TOTAL NOISE
RESISTOR NOISE
AMPLIFIER NOISE VOLTAGE
FREQUENCY (Hz)
8
7
6
5
4
2
1
3
0
8
7
6
5
4
2
1
3
0
10
1k
10k
100k
1M
10M 100M
62367 G16
100
VS = ±2.5V
TA = 25°C
VCM = 0V
NOISE CURRENT
NOISE VOLTAGE
5s/DIV
62367 G17
100nV
–100nV
VS = ±2.5V
VS = ±2.5V
TEMPERATURE (°C)
–55
5
62367 G18
–25
35
240
220
200
180
140
160
70
60
50
40
65
95
125
VS = ±5V
VS = 3V, 0V
VS = ±5V
VS = 3V, 0V
PHASE MARGIN
GAIN BANDWIDTH
CL = 5pF
RL = 1k
VCM = VS/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com