Electronic Components Datasheet Search
  English  ▼

X  

LTC2355 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2355
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2355 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2355 Datasheet HTML 2Page - Linear Technology LTC2355 Datasheet HTML 3Page - Linear Technology LTC2355 Datasheet HTML 4Page - Linear Technology LTC2355 Datasheet HTML 5Page - Linear Technology LTC2355 Datasheet HTML 6Page - Linear Technology LTC2355 Datasheet HTML 7Page - Linear Technology LTC2355 Datasheet HTML 8Page - Linear Technology LTC2355 Datasheet HTML 9Page - Linear Technology LTC2355 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2314-14
6
231414f
For more information www.linear.com/2314-14
Typical perForMance characTerisTics
32k point FFT fS = 4.5Msps
fIN = 500kHz
SNR, SINAD vs Input Frequency
(100kHz to 2.2MHz)
THD, Harmonics vs Input
Frequency (100kHz to 2.2MHz)
THD, Harmonics vs Input
Frequency (100kHz to 2.2MHz)
SNR, SINAD vs Temperature,
fIN = 500kHz
THD, Harmonics vs Temperature,
fIN = 500kHz
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
DC Histogram Near Mid-Scale
(Code 8192)
TA = 25°C, VDD = 5V, OVDD = 2.5V, fSMPL = 4.5Msps,
unless otherwise noted.
OUTPUT CODE
0
–1.00
–0.75
–0.50
–0.25
0.25
0.00
0.50
0.75
1.00
4096
8192
12288
16384
231414 G02
CODE
8194
8196 8197
231414 G03
8195
8198 8199 8200
σ = 0.7
0
2000
1000
3000
4000
5000
7000
6000
231414 G04
INPUT FREQUENCY (kHz)
0
2250
1750 2000
750 1000
500
250
1250 1500
0
–20
–40
–60
–80
–100
–120
–160
–140
VDD = 5V
SNR = 77.5dBFS
SINAD = 76.9dBFS
THD = 84.9dB
SFDR = 88.1dB
INPUT FREQUENCY (kHz)
0
72
73
75
74
76
77
78
500
250
750 1000 1250 1500
2000
1750
2250
231414 G05
SINAD
SNR
SINAD
SNR
VDD = 5V
VDD = 3V
INPUT FREQUENCY (kHz)
0
–105
–95
–100
–90
–85
–80
–75
500
250
750 1000 1250 1500
2000
1750
2250
231414 G06
THD
2ND
3RD
RIN/CIN = 50/47pF
fS = 4.5Msps
VDD = 3V
TEMPERATURE (°C)
–55 –35
71
74
73
72
75
76
78
77
79
–15 5
25 45 65 85 105 125
231414 G07
SNR
SNR
SINAD
SINAD
VDD = 5V
VDD = 3V
TEMPERATURE (°C)
–55 –35
–100
–95
–90
–85
–80
–75
–15 5
25 45 65 85 105 125
231414 G08
THD
3RD
2ND
VDD = 3V
OUTPUT CODE
0
–2.0
–1.0
–1.5
–0.5
0.5
0.0
1.0
1.5
2.0
4096
8192
12288
16384
231414 G01
INPUT FREQUENCY (kHz)
0
–105
–95
–100
–90
–85
–80
–75
500
250
750 1000
1500
1250
2000
1750
2250
231414 G06a
THD
2ND
3RD
RIN/CIN = 50/47pF
fS = 4.5Msps
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com