Electronic Components Datasheet Search
  English  ▼

X  

LTC1407 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1407
Description  12-Bit, 5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1407 Datasheet HTML 12Page - Linear Technology LTC1407 Datasheet HTML 13Page - Linear Technology LTC1407 Datasheet HTML 14Page - Linear Technology LTC1407 Datasheet HTML 15Page - Linear Technology LTC1407 Datasheet HTML 16Page - Linear Technology LTC1407 Datasheet HTML 17Page - Linear Technology LTC1407 Datasheet HTML 18Page - Linear Technology LTC1407 Datasheet HTML 19Page - Linear Technology LTC1407 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC2315-12
18
231512f
For more information www.linear.com/2315-12
Figure 19. Layer 3 PWR Plane
Figure 20. Layer 4 Bottom Layer
Figure 21. Partial DC1563A Demo Board Schematic
applicaTions inForMaTion
4
9V TO 10V
U5
LT1790ACS6-2.048
1
1
AC
J4
DC
COUPLING
2 3
2
6
GND
GND
VDD REF
CSL
SCK
CSL
SCK
SDO
SDO
OVDD
VI
VO
VCM
VDD
VCCIO
C8
10µF
C9
4.7µF
C10
OPT
C11
OPT
C12
4.7µF
C7
OPT
REF
+
C6
4.7µF
R9
1k
C18
OPT
R18
1k
3
1.024V
2.048V
HD1X3-100
2
1
C17
1µF
JP2
VCM
R14
0k
R15
49.9
R16
33
4
3
231512 F21
1
2
5
8
7
6
U1
*
C19
47pF
NPO
JP1
HD1X3-100
AIN
0V TO 4.096V
AIN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com