Electronic Components Datasheet Search
  English  ▼

X  

LTC6246 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6246
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6246 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6246 Datasheet HTML 7Page - Linear Technology LTC6246 Datasheet HTML 8Page - Linear Technology LTC6246 Datasheet HTML 9Page - Linear Technology LTC6246 Datasheet HTML 10Page - Linear Technology LTC6246 Datasheet HTML 11Page - Linear Technology LTC6246 Datasheet HTML 12Page - Linear Technology LTC6246 Datasheet HTML 13Page - Linear Technology LTC6246 Datasheet HTML 14Page - Linear Technology LTC6246 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT6236/LT6237
11
623637f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the –40°C < T
A < 125°C
temperature range. VS = ±5V, VCM = VOUT = 0V, ENABLE = 0V, unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6236
LT6237MS8
LT6237DD8
l
l
l
750
650
700
μV
μV
μV
Input Offset Voltage Match
(Channel-to-Channel) (Note 6)
l
1000
μV
VOSTC
Input Offset Voltage Drift (Note 10)
LT6236
LT6237MS8
LT6237DD8
l
l
l
0.7
0.5
0.4
2.2
1.8
2.2
μV/°C
μV/°C
μV/°C
IB
Input Bias Current
l
12
μA
IB Match (Channel-to-Channel) (Note 6)
l
1.1
μA
IOS
Input Offset Current
l
1.2
μA
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 10k
VO = ±4.5V, RL = 1k
VO = ±2V, RL = 100Ω
l
l
l
76
21
4.1
V/mV
V/mV
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
l
–3
4
V
CMRR
Common Mode Rejection Ratio
VCM = –3V to 4V
l
95
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
l
85
dB
VOL
Output Voltage Swing Low (Note 8)
No Load
ISINK = 5mA
ISINK = 20mA
l
l
l
70
230
550
mV
mV
mV
VOH
Output Voltage Swing High (Note 8)
No Load
ISOURCE = 5mA
ISOURCE = 20mA
l
l
l
78
240
710
mV
mV
mV
ISC
Short-Circuit Current
l
±15
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
ENABLE = 4.85V
l
l
10
5.5
mA
μA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
l
–110
μA
VL
ENABLE Pin Input Voltage Low
l
0.3
V
VH
ENABLE Pin Input Voltage High
l
4.85
V
SR
Slew Rate
AV = –1, RL = 1k, VO = –2V to 2V
l
37
V/μs
FPBW
Full-Power Bandwidth
VOUT = 3VP-P (Note 9)
l
3.9
MHz
Note 1. Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. Inputs are protected by back-to-back diodes. If the differential input
voltage exceeds 0.7V, the input current must be limited to less than 40mA.
Note 3. A heat sink may be required to keep the junction temperature below
the absolute maximum rating when the output is shorted indefinitely.
Note 4. The LT6236C/LT6236I/LT6236H and the LT6237C/LT6237I/LT6237H
are guaranteed functional over the temperature range of –40°C and 125°C.
Note 5. The LT6236C/LT6237C are guaranteed to meet specified
performance from 0°C to 70°C. The LT6236I/LT6237I are guaranteed to
meet specified performance from –40°C to 85°C. The LT6236H/LT6237H
are guaranteed to meet specified performance from –40°C to 125°C. The
LT6236C/LT6237C are designed, characterized and expected to meet
specified performance from –40°C to 85°C, but are not tested or QA
sampled at these temperatures.
Note 6. Matching parameters are the difference between the two amplifiers
of the LT6237.
Note 7. Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 8. Output voltage swings are measured between the output and
power supply rails.
Note 9. Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP
Note 10. This parameter is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com