Electronic Components Datasheet Search
  English  ▼

X  

LT6200 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6200
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200 Datasheet(HTML) 4 Page - Linear Technology

  LT6200 Datasheet HTML 1Page - Linear Technology LT6200 Datasheet HTML 2Page - Linear Technology LT6200 Datasheet HTML 3Page - Linear Technology LT6200 Datasheet HTML 4Page - Linear Technology LT6200 Datasheet HTML 5Page - Linear Technology LT6200 Datasheet HTML 6Page - Linear Technology LT6200 Datasheet HTML 7Page - Linear Technology LT6200 Datasheet HTML 8Page - Linear Technology LT6200 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2314-14
4
231414f
For more information www.linear.com/2314-14
reFerence inpuT/ouTpuT
power requireMenTs
DigiTal inpuTs anD DigiTal ouTpuTs
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
VREF Output Voltage
2.7V ≤ VDD ≤ 3.6V
4.75 ≤ VDD ≤ 5.25V
l
l
2.040
4.080
2.048
4.096
2.056
4.112
V
V
VREF Temperature Coefficient
l
7
20
ppm/°C
VREF Output Resistance
Normal Operation
Overdrive Condition
(VREFIN ≥ VREFOUT + 50mV)
2
52
Ω
kΩ
VREF Line Regulation
2.7V ≤ VDD ≤ 3.6V
4.75 ≤ VDD ≤ 5.25V
0.4
0.2
mV/V
mV/V
VREF 2.048/4.096 Supply Threshold
4.15
V
VREF 2.048/4.096 Supply Threshold Hysteresis
150
mV
VREF Input Voltage Range
(External Reference Input)
2.7V ≤ VDD ≤ 3.6V
4.75 ≤ VDD ≤ 5.25V
l
l
VREF +50mV
VREF +50mV
VDD
4.3
V
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
3V Operational Range
5V Operational Range
l
l
2.7
4.75
3
5
3.6
5.25
V
V
OVDD
Digital Output Supply Voltage
l
1.71
5.25
V
ITOTAL =
IVDD + IOVDD
Supply Current, Static Mode
Operational Mode
Nap Mode
Sleep Mode
CS = 0V, SCK = 0V
VDD = 5V, OVDD = 1.8V, fSMPL = 4.5Msps
l
l
l
3.2
6.2
1.8
0.8
4
7.2
5
mA
mA
mA
µA
PD
Power Dissipation, Static Mode
Operational Mode
Nap Mode
Sleep Mode
CS = 0V, SCK = 0V
VDD = 5V, OVDD = 1.8V, fSMPL = 4.5Msps
l
l
l
16
31
9
4
20
36
25
mW
mW
mW
µW
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l
0.8 • OVDD
V
VIL
Low Level Input Voltage
l
0.2 • OVDD
V
IIN
Digital Input Current
VIN = 0V to OVDD
l
–10
10
μA
CIN
Digital Input Capacitance
5
pF
VOH
High Level Output Voltage
IO = –500µA (Source)
l
OVDD–0.2
V
VOL
Low Level Output Voltage
IO = 500µA (Sink)
l
0.2
V
IOZ
High-Z Output Leakage Current
VOUT = 0V to OVDD, CS = High
l
–10
10
µA
COZ
High-Z Output Capacitance
CS = High
4
pF
ISOURCE
Output Source Current
VOUT = 0V, OVDD = 1.8V
–20
mA
ISINK
Output Sink Current
VOUT = OVDD = 1.8V
20
mA
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com