Electronic Components Datasheet Search
  English  ▼

X  

LTC6995-1 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6995-1
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6995-1 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6995-1 Datasheet HTML 17Page - Linear Technology LTC6995-1 Datasheet HTML 18Page - Linear Technology LTC6995-1 Datasheet HTML 19Page - Linear Technology LTC6995-1 Datasheet HTML 20Page - Linear Technology LTC6995-1 Datasheet HTML 21Page - Linear Technology LTC6995-1 Datasheet HTML 22Page - Linear Technology LTC6995-1 Datasheet HTML 23Page - Linear Technology LTC6995-1 Datasheet HTML 24Page - Linear Technology LTC6995-1 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC6995-1/LTC6995-2
21
699512f
For more information www.linear.com/6995
Frequency Modulation and Settling Time
The LTC6995 will respond to changes in ISET up to a –3dB
bandwidth of 0.4 • fOUT.
Following a 2
× or 0.5× step change in ISET, the output
frequency takes less than one cycle to settle to within 1%
of the final value.
Power Supply Current
The power supply current varies with frequency, supply
voltage and output loading. It can be estimated under
any condition using the following equation. This equation
ignores CLOAD (valid for CLOAD < 1nF) and assumes the
output has 50% duty cycle.
IS(TYP) ≈ V+ • fMASTER • 7.8pF +
V+
420k
Ω
+
V+
2 •RLOAD
+ 1.8 •ISET +50µA
Supply Bypassing and PCB Layout Guidelines
The LTC6995 is a 2.2% accurate silicon oscillator when
used in the appropriate manner. The part is simple to use
applicaTions inForMaTion
–
+
699512 F21
LTC6995
RST
GND
SET
OUT
V+
DIV
C1
0.1µF
R1
R2
RSET
V+
RVCO
V+
0.1µF
1/2
LTC6078
LTC1659
V+
VCC
REF
GND
VOUT
µP
DIN
CLK
CS/LD
1MHz • 50kΩ
1024 • NDIV • RVCO
fOUT =
DIN = 0 TO 4095
• 1 +
–
RVCO
RSET
DIN
4096
(
)
0.1µF
Figure 21. Digitally-Controlled Oscillator
and by following a few rules, the expected performance is
easily achieved. Adequate supply bypassing and proper
PCB layout are important to ensure this.
Figure22showsexamplePCBlayoutsforboththeTSOT-23
and DFN packages using 0603 sized passive components.
The layouts assume a two layer board with a ground plane
layer beneath and around the LTC6995. These layouts are
a guide and need not be followed exactly.
1. Connect the bypass capacitor, C1, directly to the V+ and
GND pins using a low inductance path. The connection
from C1 to the V+ pin is easily done directly on the top
layer. For the DFN package, C1’s connection to GND is
alsosimplydoneonthetoplayer.FortheTSOT-23,OUT
can be routed through the C1 pads to allow a good C1
GND connection. If the PCB design rules do not allow
that,C1’sGNDconnectioncanbeaccomplishedthrough
multiple vias to the ground plane. Multiple vias for both
the GND pin connection to the ground plane and the
C1 connection to the ground plane are recommended
to minimize the inductance. Capacitor C1 should be a
0.1µF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com