Electronic Components Datasheet Search
  English  ▼

X  

LTC2365 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2365
Description  12-Bit, 5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 1 Page - Linear Technology

  LTC2365 Datasheet HTML 1Page - Linear Technology LTC2365 Datasheet HTML 2Page - Linear Technology LTC2365 Datasheet HTML 3Page - Linear Technology LTC2365 Datasheet HTML 4Page - Linear Technology LTC2365 Datasheet HTML 5Page - Linear Technology LTC2365 Datasheet HTML 6Page - Linear Technology LTC2365 Datasheet HTML 7Page - Linear Technology LTC2365 Datasheet HTML 8Page - Linear Technology LTC2365 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2315-12
1
231512f
For more information www.linear.com/2315-12
Typical applicaTion
FeaTures
DescripTion
12-Bit, 5Msps Serial
Sampling ADC in TSOT
The LTC®2315-12 is a 12-bit, 5Msps, serial sampling A/D
converter that draws only 6mA from a wide range analog
supply adjustable from 2.7V to 5.25V. The LTC2315-12
containsanintegratedbandgapandreferencebufferwhich
provide a low cost, high performance (20ppm/°C max)
and space saving applications solution. The LTC2315-12
achieves outstanding AC performance of 72.6dB SINAD
and –84dB THD while sampling a 500kHz input frequency.
The extremely high sample rate-to-power ratio makes the
LTC2315-12 ideal for compact, low power, high speed
systems. The LTC2315-12 also provides both nap and
sleep modes for further optimization of the device power
within a system.
The LTC2315-12 has a high-speed SPI-compatible serial
interface that supports 1.8V, 2.5V, 3V and 5V logic. The
fast 5Msps throughput makes the LTC2315-12 ideally
suited for a wide variety of high speed applications.
applicaTions
n
5Msps Throughput Rate
n
Guaranteed 12-Bit No Missing Codes
n
Internal Reference: 2.048V/4.096V Span
n
Low Noise: 73dB SNR
n
Low Power: 6.4mA at 5Msps and 5V
n
Dual Supply Range: 3V/5V operation
n
Sleep Mode with < 1µA Typical Supply Current
n
Nap Mode with Quick Wake-up < 1 conversion
n
Separate 1.8V to 5V Digital I/O Supply
n
High Speed SPI-Compatible Serial I/O
n
Guaranteed Operation from –40°C to 125°C
n
8-Lead TSOT-23 Package
n
Communication Systems
n
High Speed Data Acquisition
n
Handheld Terminal Interface
n
Medical Imaging
n
Uninterrupted Power Supplies
n
Battery Operated Systems
n
Automotive
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
5V Supply, Internal Reference, 5Msps, 12-bit Sampling ADC
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
ANALOG INPUT
0V TO 4.096V
5V
2.2µF
2.2µF
2.2µF
231512 TA01
GND
VDD
REF
AIN
OVDD
SCK
CS
SDO
LTC2315-12
DIGITAL OUTPUT SUPPLY
1.8V TO 5V
fS = 5Msps, fIN = 500kHz 16k-pt FFT
231512 TA01a
FREQUENCY (kHz)
0
2500
2000
1000
500
1500
0
–20
–40
–60
–80
–100
–120
–140
VDD = 5V
SNR = 73.1dBFS
SINAD = 72.6dBFS
THD = –84dB
SFDR = 87dBc


Similar Part No. - LTC2365

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2365 LINER-LTC2365 Datasheet
286Kb / 24P
1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
LTC2365 LINER-LTC2365 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2365 LINER-LTC2365 Datasheet
1Mb / 18P
2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
More results

Similar Description - LTC2365

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1405 LINER-LTC1405 Datasheet
218Kb / 16P
12-Bit, 5Msps, Sampling ADC
LTC1405 LINER-LTC1405_1 Datasheet
328Kb / 20P
12-Bit, 5Msps, Sampling ADC
LTC2314-14 LINER-LTC2314-14 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC1405 LINER-LTC1405_15 Datasheet
334Kb / 20P
12-Bit, 5Msps, Sampling ADC
LTC2312-12 LINER-LTC2312-12_15 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
14-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2313-12 LINER-LTC2313-12_15 Datasheet
1Mb / 22P
12-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
12-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com