Electronic Components Datasheet Search
  English  ▼

X  

LTC6907 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6907
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6907 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6907 Datasheet HTML 11Page - Linear Technology LTC6907 Datasheet HTML 12Page - Linear Technology LTC6907 Datasheet HTML 13Page - Linear Technology LTC6907 Datasheet HTML 14Page - Linear Technology LTC6907 Datasheet HTML 15Page - Linear Technology LTC6907 Datasheet HTML 16Page - Linear Technology LTC6907 Datasheet HTML 17Page - Linear Technology LTC6907 Datasheet HTML 18Page - Linear Technology LTC6907 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC6995-1/LTC6995-2
15
699512f
For more information www.linear.com/6995
applicaTions inForMaTion
Power-On Reset (POR) Function
When power is applied to the LTC6995 the output is held
low for tSTART, then takes on the value of the POL bit as the
clock cycle begins. If POL = 0 (DIVCODE < 8) the output
will remain low for a programmable interval of tSTART +
1/2 tOUT, assuming the RST pin is inactive. This makes the
LTC6995 useful as a programmable long-time power-on
reset (POR), with the low output used to hold a system
in reset for a fixed period after power is applied. Timing
begins when the V+ supply exceeds approximately 1.4V.
TopreventadditionaloutputtransitionsaftertheinitialPOR
time, the oscillator can be disabled by removing the SET
pin current. This prevents the internal master oscillator
output from clocking the frequency dividers or output,
while keeping it biased so it can resume operation quickly.
The easiest way to implement this feature is to connect
RSET between the SET and OUT pins.
Figure 12 shows the basic power-on reset function. When
the half cycle times out, the output goes high, eliminates
the SET pin current, and stops additional OUT pin transi-
tions. The output remains high until the device is reset by
driving the RST input or power is cycled off then back on.
The POR interval is only one half of an oscillator period so
component selection is slightly different. Table 2 provides
the component values required for one half cycle time
intervals. Timing starts after a short startup delay time
following the application of the V+ supply.
LTC6995-1
tPOR = 1 SECOND FOR VALUES SHOWN
POL = 0
DIVCODE = 3
NDIV = 512
RST = V+ FOR LTC6995-2
RST
GND
SET
OUT
V+
DIV
RSET
191k
R2
280k
R1
1M
0.1µF
2.25V TO 5.5V
POR
OUT
POL = 0
699512 F12
tDELAY
(1/2 tOUT)
tSTART
TIMER STOPPED
~1.4V STARTS TIMER
POWER-ON RESET
V+
Figure 12. Active Low Power-On Reset
(1 Second Interval Example)
Table 2. Power-On Reset (POR). One Shot, One Half Cycle Delay Programming
Output Low During Time Interval, POL = 0
DIVCODE
tDELAY TIME INTERVAL (1/2 tOUT)
R1 (kΩ)
R2 (kΩ)
~RSET (kΩ)
0
512µs to 8.2ms
Open
Short
tDELAY(MS) • 97.6
1
4.1ms to 65.5ms
976
102
tDELAY(MS) • 12.2
2
32.8ms to 524.3ms
976
182
tDELAY(MS) • 1.5
3
262.1ms to 4.2sec
1000
280
tDELAY(SEC) • 190.7
4
2.1sec to 33.6sec
1000
392
tDELAY(SEC) • 23.8
5
16.8sec to 4.5min
1000
523
tDELAY(MIN) • 178.6
6
2.2min to 35.8min
1000
681
tDELAY(MIN) • 22.7
7
17.9min to 4.8hrs
1000
887
tDELAY(HR) • 167.6
Note: Power-On Reset Time = tDELAY + tSTART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com