Electronic Components Datasheet Search
  English  ▼

X  

LTC6991 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6991
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6991 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6991 Datasheet HTML 10Page - Linear Technology LTC6991 Datasheet HTML 11Page - Linear Technology LTC6991 Datasheet HTML 12Page - Linear Technology LTC6991 Datasheet HTML 13Page - Linear Technology LTC6991 Datasheet HTML 14Page - Linear Technology LTC6991 Datasheet HTML 15Page - Linear Technology LTC6991 Datasheet HTML 16Page - Linear Technology LTC6991 Datasheet HTML 17Page - Linear Technology LTC6991 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC6995-1/LTC6995-2
14
699512f
For more information www.linear.com/6995
applicaTions inForMaTion
Basic Operation
The simplest and most accurate method to program the
LTC6995 is to use a single resistor, RSET, between the
SET and GND pins. The design procedure is a 3-step
process. First select the POL bit setting and NDIV value,
then calculate the value for the RSET resistor.
Step 1: Select the LTC6995 Version and POL Bit Setting
Determine if the application requires an active-high,
LTC6995-1 or active-low, LTC6995-2 reset function.
Otherwise the two versions share identical functionality.
The OUT pin polarity depends on the setting of the POL
bit. To force OUT = 0 during reset, choose POL bit = 0. To
force OUT = 1 during reset, choose POL bit = 1.
Step 2: Select the NDIV Frequency Divider Value
As explained earlier, the voltage on the DIV pin sets the
DIVCODE which determines both the POL bit and the NDIV
value. For a given output clock period, NDIV should be
selected to be within the following range.
tOUT
16.384ms
≤ NDIV ≤
tOUT
1.024ms
(1)
To minimize supply current, choose the lowest NDIVvalue
(generally recommended). Alternatively, use Table 1
as a guide to select the best NDIV value for the given
application.
With POL already chosen, this completes the selection of
DIVCODE. Use Table 1 to select the proper resistor divider
or VDIV/V+ ratio to apply to the DIV pin.
Step 3: Calculate and Select RSET
The final step is to calculate the correct value for RSET
using the following equation.
RSET =
50k
1.024ms
• tOUT
NDIV
(2)
Select the standard resistor value closest to the calculated
value.
Example: Design a 1Hz oscillator with minimum power
consumption, an active-high reset input, and the OUT pin
low during reset.
Step 1: Select the LTC6995 Version and POL Bit Setting
For active-high reset select the LTC6995-1. For OUT low
during reset choose POL bit = 0.
Step 2: Select the NDIV Frequency Divider Value
Choose an NDIV value that meets the requirements of
Equation (1), using tOUT = 1000ms:
61.04 ≤ NDIV ≤ 976.6
Potential settings for NDIV include 64 and 512. NDIV = 64
is the best choice, as it minimizes supply current by us-
ing a large RSET resistor. POL = 0 and NDIV = 64 requires
DIVCODE = 2. Using Table 1, choose R1 = 976k and
R2 = 182k values to program DIVCODE = 2.
Step 3: Select RSET
Calculate the correct value for RSET using Equation (2).
RSET =
50k
1.024ms
• 1000ms
64
= 763k
Since 763k is not available as a standard 1% resistor,
substitute 768k if a –0.7% frequency shift is acceptable.
Otherwise, select a parallel or series pair of resistors such
as 576k + 187k to attain a more precise resistance.
The completed design is shown in Figure 11.
DIVCODE = 2
699512 F11
LTC6995-1
RST
GND
SET
RST
OUT
V+
DIV
R1
976k
R2
182k
RSET
763k
2.25V TO 5.5V
Figure 11. 1Hz Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com