Electronic Components Datasheet Search
  English  ▼

X  

PE9717 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9717
Description  Precision 1.85mm Female to 1.85mm Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9717 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9717 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9717 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9717 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 1.85mm Female to 1.85mm Female Adapter
Configuration
Connector 1
1.85mm Female
Impedance 1
50 Ohms
Connector 2
1.85mm Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 65
Maximum VSWR
1.5:1
Frequency 1
Frequency, GHz
DC to 26.5
VSWR
1.25:1
Frequency 2
Frequency, GHz
26.5 to 50
VSWR
1.35:1
Frequency 3
Frequency, GHz
50 to 65
VSWR
1.5:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +125
Size
Length, in [mm]
0.853 [21.67]
Width/Dia., in [mm]
0.28 [7.11]
.
Connector 1
Type
1.85mm Female
Connector 2
Type
1.85mm Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Precision 1.85mm Female to 1.85mm Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 1.85mm Female to 1.85mm Female Adapter PE9717
PE9717
PE9717 REV


Similar Part No. - PE9717

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9710 PASTERNACK-PE9710 Datasheet
245Kb / 2P
Mini UHF Female to FME Jack Adapter
PE9711 PASTERNACK-PE9711 Datasheet
252Kb / 2P
FME Jack to BNC Male Adapter
PE9712 PASTERNACK-PE9712 Datasheet
252Kb / 2P
FME Jack to BNC Female Adapter
PE9713 PASTERNACK-PE9713 Datasheet
255Kb / 2P
TNC Male to FME Jack Adapter
PE9714 PASTERNACK-PE9714 Datasheet
253Kb / 2P
TNC Female to FME Jack Adapter
More results

Similar Description - PE9717

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9668 PASTERNACK-PE9668 Datasheet
252Kb / 3P
Precision 2.92mm Female to 1.85mm Female Adapter
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9729 PASTERNACK-PE9729 Datasheet
254Kb / 2P
Precision SMA Female to 1.85mm Female Adapter
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
Precision 3.5mm Male to 1.85mm Female Adapter
PE9748 PASTERNACK-PE9748 Datasheet
244Kb / 2P
Precision 3.5mm Female to 1.85mm Female Adapter
PE9765 PASTERNACK-PE9765 Datasheet
253Kb / 3P
Precision 1.85mm Female to SSMA Female Adapter
PE91084 PASTERNACK-PE91084 Datasheet
253Kb / 3P
Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz
PE91109 PASTERNACK-PE91109 Datasheet
249Kb / 3P
Precision 1.0mm Female to 1.85mm Female Adapter
PE91115 PASTERNACK-PE91115 Datasheet
214Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE91119 PASTERNACK-PE91119 Datasheet
504Kb / 3P
Precision 1.0mm Female to 1.85mm Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com