Electronic Components Datasheet Search
  English  ▼

X  

PE9723 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9723
Description  Precision SMA Male to 3.5mm Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9723 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9723 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9723 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9723 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Male to 3.5mm Female Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
3.5mm Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 27
Maximum VSWR
1.2:1
Maximum Insertion Loss, dB
0.26
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +100
Size
Length, in [mm]
0.739 [18.77]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM A380
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PTFE
Connector 2
Type
3.5mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Precision SMA Male to 3.5mm Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Male to 3.5mm Female Adapter PE9723
PE9723
PE9723 REV


Similar Part No. - PE9723

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9720 PASTERNACK-PE9720 Datasheet
88Kb / 1P
1.85mm FEMALE TO N MALE FREQUENCY RANGE; DC TO 18 GHz PRECISION ADAPTER
logo
Pletronics, Inc.
PE9720DEV PLETRONICS-PE9720DEV Datasheet
293Kb / 8P
PE91/PE97 Series 3.3 V PECL Clock Oscillators
PE9720DV PLETRONICS-PE9720DV Datasheet
293Kb / 8P
PE91/PE97 Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9721 PASTERNACK-PE9721 Datasheet
84Kb / 1P
1.85mm FEMALE TO N FEMALE FREQUENCY RANGE; DC TO 18 GHz
PE9722 PASTERNACK-PE9722 Datasheet
240Kb / 2P
Precision SMA Male to 3.5mm Male Adapter
More results

Similar Description - PE9723

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9321 PASTERNACK-PE9321 Datasheet
242Kb / 2P
Precision 3.5mm Female to N Male Adapter
PE9324 PASTERNACK-PE9324 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Female Adapter
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9651 PASTERNACK-PE9651 Datasheet
239Kb / 2P
Precision 3.5mm Male to 2.4mm Female Adapter
PE9677 PASTERNACK-PE9677 Datasheet
254Kb / 3P
Precision 3.5mm Male to 3.5mm Female Bulkhead Adapter
PE9722 PASTERNACK-PE9722 Datasheet
240Kb / 2P
Precision SMA Male to 3.5mm Male Adapter
PE9724 PASTERNACK-PE9724 Datasheet
254Kb / 3P
Precision SMA Female to 3.5mm Male Adapter
PE9725 PASTERNACK-PE9725 Datasheet
252Kb / 3P
Precision SMA Female to 3.5mm Female Adapter
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
Precision 3.5mm Male to 1.85mm Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com