Electronic Components Datasheet Search
  English  ▼

X  

PE9726 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9726
Description  Precision SMA Female to 1.85mm Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9726 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9726 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9726 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9726 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Female to 1.85mm Male Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
1.85mm Male
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +125
Size
Length, in [mm]
0.844 [21.44]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Connector 2
Type
1.85mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Precision SMA Female to 1.85mm Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision SMA Female to 1.85mm Male Adapter PE9726
PE9726
PE9726 REV


Similar Part No. - PE9726

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9720 PASTERNACK-PE9720 Datasheet
88Kb / 1P
1.85mm FEMALE TO N MALE FREQUENCY RANGE; DC TO 18 GHz PRECISION ADAPTER
logo
Pletronics, Inc.
PE9720DEV PLETRONICS-PE9720DEV Datasheet
293Kb / 8P
PE91/PE97 Series 3.3 V PECL Clock Oscillators
PE9720DV PLETRONICS-PE9720DV Datasheet
293Kb / 8P
PE91/PE97 Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9721 PASTERNACK-PE9721 Datasheet
84Kb / 1P
1.85mm FEMALE TO N FEMALE FREQUENCY RANGE; DC TO 18 GHz
PE9722 PASTERNACK-PE9722 Datasheet
240Kb / 2P
Precision SMA Male to 3.5mm Male Adapter
More results

Similar Description - PE9726

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9665 PASTERNACK-PE9665 Datasheet
250Kb / 2P
Precision 2.92mm Female to 1.85mm Male Adapter
PE9666 PASTERNACK-PE9666 Datasheet
249Kb / 3P
Precision 2.92mm Male to 1.85mm Female Adapter
PE9674 PASTERNACK-PE9674 Datasheet
84Kb / 1P
1.85mm FEMALE TO 2.4mm MALE PRECISION ADAPTER
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9728 PASTERNACK-PE9728 Datasheet
254Kb / 2P
Precision SMA Male to 1.85mm Female Adapter
PE9729 PASTERNACK-PE9729 Datasheet
254Kb / 2P
Precision SMA Female to 1.85mm Female Adapter
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
Precision 3.5mm Male to 1.85mm Female Adapter
PE9747 PASTERNACK-PE9747 Datasheet
241Kb / 2P
Precision 1.85mm Male to 3.5mm Female Adapter
PE9762 PASTERNACK-PE9762 Datasheet
256Kb / 3P
Precision 1.85mm Male to SSMA Female Adapter
PE91119 PASTERNACK-PE91119 Datasheet
504Kb / 3P
Precision 1.0mm Female to 1.85mm Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com