Electronic Components Datasheet Search
  English  ▼

X  

PE9732 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9732
Description  Reverse Polarity SMA Male to N Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9732 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9732 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9732 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Reverse Polarity SMA Male to N Female Adapter
Configuration
Connector 1
SMA Male Reverse Polarity
Impedance 1
50 Ohms
Connector 2
N Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.27 [32.26]
Width/Dia., in [mm]
0.69 [17.53]
.
Connector 1
Type
SMA Male Reverse Polarity
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
N Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-n-female-straight-adapter-pe9732-p.aspx
Reverse Polarity SMA Male to N Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Reverse Polarity SMA Male to N Female Adapter
PE9732
PE9732 REV


Similar Part No. - PE9732

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9730 PASTERNACK-PE9730 Datasheet
243Kb / 2P
N Male to Reverse Polarity TNC Female Adapter
PE9731 PASTERNACK-PE9731 Datasheet
242Kb / 2P
N Female to Reverse Polarity TNC Male Adapter
PE9733 PASTERNACK-PE9733 Datasheet
242Kb / 2P
Reverse Polarity SMA Female to N Male Adapter
PE9734 PASTERNACK-PE9734 Datasheet
245Kb / 3P
75 Ohm F Female to F Female Bulkhead Adapter
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
More results

Similar Description - PE9732

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9533 PASTERNACK-PE9533 Datasheet
244Kb / 2P
SMA Female to Reverse Polarity SMA Male Adapter
PE9592 PASTERNACK-PE9592 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
PE9607 PASTERNACK-PE9607 Datasheet
255Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity TNC Male Adapter
PE9733 PASTERNACK-PE9733 Datasheet
242Kb / 2P
Reverse Polarity SMA Female to N Male Adapter
PE9534 PASTERNACK-PE9534 Datasheet
244Kb / 2P
SMA Male to Reverse Polarity SMA Female Adapter
PE91268 PASTERNACK-PE91268 Datasheet
348Kb / 3P
QD Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91330 PASTERNACK-PE91330 Datasheet
599Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Male Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91334 PASTERNACK-PE91334 Datasheet
607Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com