Electronic Components Datasheet Search
  English  ▼

X  

PE9737 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9737
Description  Precision 75 Ohm N Male to F Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9737 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9737 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9737 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision 75 Ohm N Male to F Female Adapter
Configuration
Connector 1
N Male
Impedance 1
75 Ohms
Connector 2
F Female
Impedance 2
75 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Maximum VSWR
1.3:1
Frequency 1
Frequency, GHz
DC to 2
VSWR
1.15:1
Frequency 2
Frequency, GHz
2 to 3
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +125
Size
Length, in [mm]
1.795 [45.59]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
N Male
Connector 2
Type
F Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-f-female-straight-adapter-pe9737-p.aspx
Precision 75 Ohm N Male to F Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Precision 75 Ohm N Male to F Female Adapter
PE9737
PE9737 REV


Similar Part No. - PE9737

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9730 PASTERNACK-PE9730 Datasheet
243Kb / 2P
N Male to Reverse Polarity TNC Female Adapter
PE9731 PASTERNACK-PE9731 Datasheet
242Kb / 2P
N Female to Reverse Polarity TNC Male Adapter
PE9732 PASTERNACK-PE9732 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to N Female Adapter
PE9733 PASTERNACK-PE9733 Datasheet
242Kb / 2P
Reverse Polarity SMA Female to N Male Adapter
PE9734 PASTERNACK-PE9734 Datasheet
245Kb / 3P
75 Ohm F Female to F Female Bulkhead Adapter
More results

Similar Description - PE9737

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9155 PASTERNACK-PE9155 Datasheet
253Kb / 3P
50 Ohm N Male to 75 Ohm F Female Adapter
PE9396 PASTERNACK-PE9396 Datasheet
247Kb / 3P
75 Ohm N Male to F Female Adapter
PE9397 PASTERNACK-PE9397 Datasheet
249Kb / 3P
75 Ohm N Female to F Male Adapter
PE9738 PASTERNACK-PE9738 Datasheet
247Kb / 3P
Precision 75 Ohm N Male to F Male Adapter
PE9739 PASTERNACK-PE9739 Datasheet
246Kb / 3P
Precision 75 Ohm N Female to F Male Adapter
PE9740 PASTERNACK-PE9740 Datasheet
245Kb / 3P
Precision 75 Ohm N Female to F Female Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE91348 PASTERNACK-PE91348 Datasheet
338Kb / 3P
Precision 75 Ohm F Male to F Male Adapter
PE91349 PASTERNACK-PE91349 Datasheet
336Kb / 3P
Precision 75 Ohm F Female to F Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com