Electronic Components Datasheet Search
  English  ▼

X  

PE33231 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE33231
Description  SMA Male to N Male Precision Cable Using 150 Series Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33231 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE33231 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE33231 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE33231 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE33231 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to N Male Precision Cable Using 150 Series Coax, RoHS from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Male Precision Cable Using 150 Series Coax, RoHS PE33231
URL: http://www.pasternack.com/sma-male-n-male-150-series-cable-assembly-pe33231-p.aspx
PE33231 REV
PE33231
SMA Male to N Male Precision Cable
Using 150 Series Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com