Electronic Components Datasheet Search
  English  ▼

X  

PE9738 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9738
Description  Precision 75 Ohm N Male to F Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9738 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9738 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9738 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9738 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 75 Ohm N Male to F Male Adapter
Configuration
Connector 1
N Male
Impedance 1
75 Ohms
Connector 2
F Male
Impedance 2
75 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Maximum VSWR
1.3:1
Frequency 1
Frequency, GHz
DC to 2
VSWR
1.15:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +125
Size
Length, in [mm]
1.675 [42.55]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Connector 2
Type
F Male
Inner Conductor Material and Plating
Brass/Beryllium Copper, Nickel
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
7/16
Torque, in-lbs [Nm]
15 [1.7]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Precision 75 Ohm N Male to F Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 75 Ohm N Male to F Male Adapter PE9738
PE9738
PE9738 REV


Similar Part No. - PE9738

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9730 PASTERNACK-PE9730 Datasheet
243Kb / 2P
N Male to Reverse Polarity TNC Female Adapter
PE9731 PASTERNACK-PE9731 Datasheet
242Kb / 2P
N Female to Reverse Polarity TNC Male Adapter
PE9732 PASTERNACK-PE9732 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to N Female Adapter
PE9733 PASTERNACK-PE9733 Datasheet
242Kb / 2P
Reverse Polarity SMA Female to N Male Adapter
PE9734 PASTERNACK-PE9734 Datasheet
245Kb / 3P
75 Ohm F Female to F Female Bulkhead Adapter
More results

Similar Description - PE9738

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9159 PASTERNACK-PE9159 Datasheet
234Kb / 2P
75 Ohm F Male to F Male Adapter
PE9396 PASTERNACK-PE9396 Datasheet
247Kb / 3P
75 Ohm N Male to F Female Adapter
PE9397 PASTERNACK-PE9397 Datasheet
249Kb / 3P
75 Ohm N Female to F Male Adapter
PE9737 PASTERNACK-PE9737 Datasheet
245Kb / 2P
Precision 75 Ohm N Male to F Female Adapter
PE9739 PASTERNACK-PE9739 Datasheet
246Kb / 3P
Precision 75 Ohm N Female to F Male Adapter
PE9742 PASTERNACK-PE9742 Datasheet
241Kb / 2P
Precision 75 Ohm F Male to BNC Male Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
75 Ohm TNC Male to F Male Adapter
PE91348 PASTERNACK-PE91348 Datasheet
338Kb / 3P
Precision 75 Ohm F Male to F Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com