Electronic Components Datasheet Search
  English  ▼

X  

PE9741 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9741
Description  75 OHM BNC MALE TO F FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9741 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9741 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9741

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9740 PASTERNACK-PE9740 Datasheet
245Kb / 3P
Precision 75 Ohm N Female to F Female Adapter
PE9742 PASTERNACK-PE9742 Datasheet
241Kb / 2P
Precision 75 Ohm F Male to BNC Male Adapter
PE9743 PASTERNACK-PE9743 Datasheet
106Kb / 1P
75 OHM BNC FEMALE TO F MALE
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
Precision 75 Ohm F Female to BNC Female Adapter
logo
Pletronics, Inc.
PE9744DEV PLETRONICS-PE9744DEV Datasheet
293Kb / 8P
PE91/PE97 Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE9741

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9743 PASTERNACK-PE9743 Datasheet
106Kb / 1P
75 OHM BNC FEMALE TO F MALE
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE7396-16 PASTERNACK-PE7396-16 Datasheet
199Kb / 2P
16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com