Electronic Components Datasheet Search
  English  ▼

X  

PE9742 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9742
Description  Precision 75 Ohm F Male to BNC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9742 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9742 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9742 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision 75 Ohm F Male to BNC Male Adapter
Configuration
Connector 1
F Male
Impedance 1
75 Ohms
Connector 2
BNC Male
Impedance 2
75 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Maximum VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +125
Size
Length, in [mm]
1.605 [40.77]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
F Male
Connector 2
Type
BNC Male
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/f-male-bnc-male-straight-adapter-pe9742-p.aspx
Precision 75 Ohm F Male to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Precision 75 Ohm F Male to BNC Male Adapter
PE9742
PE9742 REV


Similar Part No. - PE9742

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9740 PASTERNACK-PE9740 Datasheet
245Kb / 3P
Precision 75 Ohm N Female to F Female Adapter
PE9741 PASTERNACK-PE9741 Datasheet
107Kb / 1P
75 OHM BNC MALE TO F FEMALE
PE9743 PASTERNACK-PE9743 Datasheet
106Kb / 1P
75 OHM BNC FEMALE TO F MALE
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
Precision 75 Ohm F Female to BNC Female Adapter
logo
Pletronics, Inc.
PE9744DEV PLETRONICS-PE9744DEV Datasheet
293Kb / 8P
PE91/PE97 Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE9742

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE9159 PASTERNACK-PE9159 Datasheet
234Kb / 2P
75 Ohm F Male to F Male Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
PE9738 PASTERNACK-PE9738 Datasheet
247Kb / 3P
Precision 75 Ohm N Male to F Male Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE91348 PASTERNACK-PE91348 Datasheet
338Kb / 3P
Precision 75 Ohm F Male to F Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com