Electronic Components Datasheet Search
  English  ▼

X  

PE9749 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9749
Description  SHV Plug to SHV Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9749 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9749 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9749 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SHV Plug to SHV Jack Adapter
Configuration
Connector 1
SHV Plug
Impedance 1
50 Ohms
Connector 2
SHV Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.94 [49.28]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
SHV Plug
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SHV Jack
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/shv-plug-shv-jack-straight-adapter-pe9749-p.aspx
SHV Plug to SHV Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SHV Plug to SHV Jack Adapter
PE9749
PE9749 REV


Similar Part No. - PE9749

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9740 PASTERNACK-PE9740 Datasheet
245Kb / 3P
Precision 75 Ohm N Female to F Female Adapter
PE9741 PASTERNACK-PE9741 Datasheet
107Kb / 1P
75 OHM BNC MALE TO F FEMALE
PE9742 PASTERNACK-PE9742 Datasheet
241Kb / 2P
Precision 75 Ohm F Male to BNC Male Adapter
PE9743 PASTERNACK-PE9743 Datasheet
106Kb / 1P
75 OHM BNC FEMALE TO F MALE
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
Precision 75 Ohm F Female to BNC Female Adapter
More results

Similar Description - PE9749

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9249 PASTERNACK-PE9249 Datasheet
235Kb / 2P
SHV Tee Adapter Jack-Plug-Jack
PE9265 PASTERNACK-PE9265 Datasheet
238Kb / 2P
MHV Female to SHV Plug Adapter
PE9335 PASTERNACK-PE9335 Datasheet
232Kb / 2P
MHV Male to SHV Jack Adapter
PE9336 PASTERNACK-PE9336 Datasheet
243Kb / 2P
Hermetically Sealed SHV Jack to SHV Jack Bulkhead Adapter
PE9337 PASTERNACK-PE9337 Datasheet
248Kb / 3P
SHV Jack to SHV Jack Adapter
PE9338 PASTERNACK-PE9338 Datasheet
236Kb / 2P
SHV Plug to SHV Jack Right Angle Adapter
PE9339 PASTERNACK-PE9339 Datasheet
238Kb / 2P
MHV Female to SHV Jack Adapter
PE9340 PASTERNACK-PE9340 Datasheet
244Kb / 2P
MHV Male to SHV Plug Adapter
PE3815 PASTERNACK-PE3815 Datasheet
273Kb / 1P
CABLE ASSEMBLY RG58C/U SHV PLUG TO SHV PLUG TO SHV PLUG
PE3857 PASTERNACK-PE3857 Datasheet
272Kb / 1P
CABLE ASSEMBLY, RG62A/U, SHV PLUG TO SHV PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com