Electronic Components Datasheet Search
  English  ▼

X  

PE9751 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9751
Description  10-32 Male to BNC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9751 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9751 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9751 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
10-32 Male to BNC Male Adapter
Configuration
Connector 1
10-32 Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
BNC Male
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
10-32 Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/10-32-male-bnc-male-straight-adapter-pe9751-p.aspx
10-32 Male to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
10-32 Male to BNC Male Adapter
PE9751
PE9751 REV


Similar Part No. - PE9751

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9750 PASTERNACK-PE9750 Datasheet
242Kb / 2P
10-32 Female to BNC Male Adapter
PE9752 PASTERNACK-PE9752 Datasheet
240Kb / 2P
10-32 Female to BNC Female Adapter
PE9753 PASTERNACK-PE9753 Datasheet
239Kb / 2P
10-32 Male to BNC Female Adapter
PE9754 PASTERNACK-PE9754 Datasheet
255Kb / 2P
Bulkhead 10-32 Female to BNC Female Adapter
PE9755 PASTERNACK-PE9755 Datasheet
106Kb / 1P
BNC FEMALE TO 10-32 MALE BULKHEAD
More results

Similar Description - PE9751

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3533 POMONA-3533 Datasheet
25Kb / 1P
Adapter BNC Male To Male
4288 POMONA-4288 Datasheet
20Kb / 1P
Adapter, SMA Male To BNC Male
logo
Pasternack Enterprises,...
PE9000 PASTERNACK-PE9000 Datasheet
246Kb / 3P
BNC Male to BNC Male Adapter
PE9072 PASTERNACK-PE9072 Datasheet
251Kb / 2P
SMA Male to BNC Male Adapter
PE9110 PASTERNACK-PE9110 Datasheet
236Kb / 2P
TNC Male to BNC Male Adapter
PE9127 PASTERNACK-PE9127 Datasheet
252Kb / 3P
N Male to BNC Male Adapter
PE9750 PASTERNACK-PE9750 Datasheet
242Kb / 2P
10-32 Female to BNC Male Adapter
PE9753 PASTERNACK-PE9753 Datasheet
239Kb / 2P
10-32 Male to BNC Female Adapter
PE9127 PASTERNACK-PE9127 Datasheet
252Kb / 3P
N Male to BNC Male Adapter
logo
3M Electronics
3533 3M-3533 Datasheet
27Kb / 2P
Adapter BNC Male To Male
28-May-2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com