Electronic Components Datasheet Search
  English  ▼

X  

PE9753 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9753
Description  10-32 Male to BNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9753 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9753 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9753 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
10-32 Male to BNC Female Adapter
Configuration
Connector 1
10-32 Male
Impedance 1
50 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.335 [33.91]
Width/Dia., in [mm]
0.45 [11.43]
.
Connector 1
Type
10-32 Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/10-32-male-bnc-female-straight-adapter-pe9753-p.aspx
10-32 Male to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
10-32 Male to BNC Female Adapter
PE9753
PE9753 REV


Similar Part No. - PE9753

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9750 PASTERNACK-PE9750 Datasheet
242Kb / 2P
10-32 Female to BNC Male Adapter
PE9751 PASTERNACK-PE9751 Datasheet
254Kb / 2P
10-32 Male to BNC Male Adapter
PE9752 PASTERNACK-PE9752 Datasheet
240Kb / 2P
10-32 Female to BNC Female Adapter
PE9754 PASTERNACK-PE9754 Datasheet
255Kb / 2P
Bulkhead 10-32 Female to BNC Female Adapter
PE9755 PASTERNACK-PE9755 Datasheet
106Kb / 1P
BNC FEMALE TO 10-32 MALE BULKHEAD
More results

Similar Description - PE9753

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3286 POMONA-3286 Datasheet
17Kb / 1P
Adapter BNC (Female) To UHF (Male)
logo
Pasternack Enterprises,...
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9750 PASTERNACK-PE9750 Datasheet
242Kb / 2P
10-32 Female to BNC Male Adapter
PE9751 PASTERNACK-PE9751 Datasheet
254Kb / 2P
10-32 Male to BNC Male Adapter
PE9752 PASTERNACK-PE9752 Datasheet
240Kb / 2P
10-32 Female to BNC Female Adapter
PE9754 PASTERNACK-PE9754 Datasheet
255Kb / 2P
Bulkhead 10-32 Female to BNC Female Adapter
PE9755 PASTERNACK-PE9755 Datasheet
106Kb / 1P
BNC FEMALE TO 10-32 MALE BULKHEAD
PE9756 PASTERNACK-PE9756 Datasheet
253Kb / 2P
10-32 Female to 10-32 Female Adapter
PE9757 PASTERNACK-PE9757 Datasheet
254Kb / 2P
Bulkhead 10-32 Female to 10-32 Female Adapter
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com