Electronic Components Datasheet Search
  English  ▼

X  

PE9756 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9756
Description  10-32 Female to 10-32 Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9756 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9756 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9756 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
10-32 Female to 10-32 Female Adapter
Configuration
Connector 1
10-32 Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
10-32 Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.336 [8.53]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
10-32 Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
10-32 Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/10-32-female-10-32-female-straight-adapter-pe9756-p.aspx
10-32 Female to 10-32 Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
10-32 Female to 10-32 Female Adapter
PE9756
PE9756 REV


Similar Part No. - PE9756

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9750 PASTERNACK-PE9750 Datasheet
242Kb / 2P
10-32 Female to BNC Male Adapter
PE9751 PASTERNACK-PE9751 Datasheet
254Kb / 2P
10-32 Male to BNC Male Adapter
PE9752 PASTERNACK-PE9752 Datasheet
240Kb / 2P
10-32 Female to BNC Female Adapter
PE9753 PASTERNACK-PE9753 Datasheet
239Kb / 2P
10-32 Male to BNC Female Adapter
PE9754 PASTERNACK-PE9754 Datasheet
255Kb / 2P
Bulkhead 10-32 Female to BNC Female Adapter
More results

Similar Description - PE9756

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73084 POMONA-73084 Datasheet
131Kb / 2P
Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
logo
Pasternack Enterprises,...
PE9750 PASTERNACK-PE9750 Datasheet
242Kb / 2P
10-32 Female to BNC Male Adapter
PE9751 PASTERNACK-PE9751 Datasheet
254Kb / 2P
10-32 Male to BNC Male Adapter
PE9752 PASTERNACK-PE9752 Datasheet
240Kb / 2P
10-32 Female to BNC Female Adapter
PE9753 PASTERNACK-PE9753 Datasheet
239Kb / 2P
10-32 Male to BNC Female Adapter
PE9754 PASTERNACK-PE9754 Datasheet
255Kb / 2P
Bulkhead 10-32 Female to BNC Female Adapter
PE9755 PASTERNACK-PE9755 Datasheet
106Kb / 1P
BNC FEMALE TO 10-32 MALE BULKHEAD
PE9757 PASTERNACK-PE9757 Datasheet
254Kb / 2P
Bulkhead 10-32 Female to 10-32 Female Adapter
logo
3M Electronics
73084-0 3M-73084-0 Datasheet
126Kb / 2P
Terminal Jacks, Male Threads 6-32, 8-32, 10-32, Female Threads 10-32
Rev. 003
logo
Pasternack Enterprises,...
PE91386 PASTERNACK-PE91386 Datasheet
357Kb / 4P
Low PIM 4.3-10 Female to 4.3-10 Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com