Electronic Components Datasheet Search
  English  ▼

X  

PE9770 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9770
Description  N Female to Reverse Polarity N Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9770 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9770 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9770 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female to Reverse Polarity N Male Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector 2
N Male Reverse Polarity
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.5 [38.1]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
N Male Reverse Polarity
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-n-male-straight-adapter-pe9770-p.aspx
N Female to Reverse Polarity N Male Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
N Female to Reverse Polarity N Male Adapter
PE9770
PE9770 REV


Similar Part No. - PE9770

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9771 PASTERNACK-PE9771 Datasheet
236Kb / 2P
N Male to Reverse Polarity N Female Adapter
PE9772 PASTERNACK-PE9772 Datasheet
77Kb / 1P
REVERSE POLARITY N MALE TO REVERSE POLARITY N MALE
PE9773 PASTERNACK-PE9773 Datasheet
240Kb / 2P
Reverse Polarity N Female to Reverse Polarity N Female Adapter
PE9774 PASTERNACK-PE9774 Datasheet
251Kb / 3P
Precision QD SMA Male to SMA Female Adapter
PE9775 PASTERNACK-PE9775 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 19.5mm Long Bullet
More results

Similar Description - PE9770

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
PE9607 PASTERNACK-PE9607 Datasheet
255Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity TNC Male Adapter
PE9730 PASTERNACK-PE9730 Datasheet
243Kb / 2P
N Male to Reverse Polarity TNC Female Adapter
PE9731 PASTERNACK-PE9731 Datasheet
242Kb / 2P
N Female to Reverse Polarity TNC Male Adapter
PE9732 PASTERNACK-PE9732 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to N Female Adapter
PE9733 PASTERNACK-PE9733 Datasheet
242Kb / 2P
Reverse Polarity SMA Female to N Male Adapter
PE9771 PASTERNACK-PE9771 Datasheet
236Kb / 2P
N Male to Reverse Polarity N Female Adapter
PE9772 PASTERNACK-PE9772 Datasheet
77Kb / 1P
REVERSE POLARITY N MALE TO REVERSE POLARITY N MALE
PE9773 PASTERNACK-PE9773 Datasheet
240Kb / 2P
Reverse Polarity N Female to Reverse Polarity N Female Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com