Electronic Components Datasheet Search
  English  ▼

X  

PE9773 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9773
Description  Reverse Polarity N Female to Reverse Polarity N Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9773 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9773 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9773 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Reverse Polarity N Female to Reverse Polarity N Female Adapter
Configuration
Connector 1
N Female Reverse Polarity
Impedance 1
50 Ohms
Connector 2
N Female Reverse Polarity
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.75 [44.45]
Width/Dia., in [mm]
0.665 [16.89]
.
Connector 1
Type
N Female Reverse Polarity
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
N Female Reverse Polarity
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-n-female-straight-adapter-pe9773-p.aspx
Reverse Polarity N Female to Reverse Polarity N Female Adapter from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Reverse Polarity N Female to Reverse Polarity N Female Adapter
PE9773
PE9773 REV


Similar Part No. - PE9773

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9770 PASTERNACK-PE9770 Datasheet
243Kb / 2P
N Female to Reverse Polarity N Male Adapter
PE9771 PASTERNACK-PE9771 Datasheet
236Kb / 2P
N Male to Reverse Polarity N Female Adapter
PE9772 PASTERNACK-PE9772 Datasheet
77Kb / 1P
REVERSE POLARITY N MALE TO REVERSE POLARITY N MALE
PE9774 PASTERNACK-PE9774 Datasheet
251Kb / 3P
Precision QD SMA Male to SMA Female Adapter
PE9775 PASTERNACK-PE9775 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 19.5mm Long Bullet
More results

Similar Description - PE9773

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9592 PASTERNACK-PE9592 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9593 PASTERNACK-PE9593 Datasheet
261Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Bulkhead Adapter
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
PE9607 PASTERNACK-PE9607 Datasheet
255Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity TNC Male Adapter
PE9770 PASTERNACK-PE9770 Datasheet
243Kb / 2P
N Female to Reverse Polarity N Male Adapter
PE9771 PASTERNACK-PE9771 Datasheet
236Kb / 2P
N Male to Reverse Polarity N Female Adapter
PE91262 PASTERNACK-PE91262 Datasheet
346Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91334 PASTERNACK-PE91334 Datasheet
607Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9606 PASTERNACK-PE9606 Datasheet
376Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity TNC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com