Electronic Components Datasheet Search
  English  ▼

X  

PE9776 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9776
Description  SMP Female to SMP Female Adapter 12.6mm Long Bullet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9776 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9776 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9776 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9776 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMP Female to SMP Female Adapter 12.6mm Long Bullet
Configuration
Connector 1
SMP Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
SMP Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 26.5
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
500
Frequency 1
Frequency, GHz
DC to 4
VSWR
1.08:1
Return Loss, dB
28
Insertion Loss, dB
0.2
Frequency 2
Frequency, GHz
4 to 12
VSWR
1.29:1
Return Loss, dB
18
Insertion Loss, dB
0.346
Frequency 3
Frequency, GHz
12 to 18
VSWR
1.43:1
Return Loss, dB
15
Insertion Loss, dB
0.424
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +155
Size
Length, in [mm]
0.496 [12.6]
Width/Dia., in [mm]
0.135 [3.43]
.
SMP Female to SMP Female Adapter 12.6mm Long Bullet
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Female to SMP Female Adapter 12.6mm Long Bullet PE9776
PE9776
PE9776 REV


Similar Part No. - PE9776

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9770 PASTERNACK-PE9770 Datasheet
243Kb / 2P
N Female to Reverse Polarity N Male Adapter
PE9771 PASTERNACK-PE9771 Datasheet
236Kb / 2P
N Male to Reverse Polarity N Female Adapter
PE9772 PASTERNACK-PE9772 Datasheet
77Kb / 1P
REVERSE POLARITY N MALE TO REVERSE POLARITY N MALE
PE9773 PASTERNACK-PE9773 Datasheet
240Kb / 2P
Reverse Polarity N Female to Reverse Polarity N Female Adapter
PE9774 PASTERNACK-PE9774 Datasheet
251Kb / 3P
Precision QD SMA Male to SMA Female Adapter
More results

Similar Description - PE9776

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9775 PASTERNACK-PE9775 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 19.5mm Long Bullet
PE9777 PASTERNACK-PE9777 Datasheet
258Kb / 3P
SMP Female to SMP Female Adapter 6.45mm Long Bullet
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE91004 PASTERNACK-PE91004 Datasheet
109Kb / 1P
BULLET, SMP FEMALE TO SMP FEMALE, 22.4mm LONG
PE91065 PASTERNACK-PE91065 Datasheet
745Kb / 3P
Precision SMP Female to SMP Female Adapter
PE91069 PASTERNACK-PE91069 Datasheet
458Kb / 3P
Precision Mini SMP Female to Mini SMP Female Adapter
logo
List of Unclassifed Man...
P617 ETC2-P617 Datasheet
149Kb / 1P
SMP FEMALE TO SMP FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91072 PASTERNACK-PE91072 Datasheet
249Kb / 3P
SMP Female to SMP Female Adapter .370 Special Length
PE91099 PASTERNACK-PE91099 Datasheet
362Kb / 3P
SMP Female to SMP Female Adapter .562 Special Length
PE91102 PASTERNACK-PE91102 Datasheet
495Kb / 3P
SMP Female to SMP Female Adapter .377 Special Length
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com