Electronic Components Datasheet Search
  English  ▼

X  

PE9779 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9779
Description  Precision SMA Female to SMP Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9779 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9779 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9779 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision SMA Female to SMP Female Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
SMP Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.2:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +125
Size
Length, in [mm]
0.76 [19.3]
Width/Dia., in [mm]
0.28 [7.11]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
SMP Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204
Outer Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-smp-female-straight-adapter-pe9779-p.aspx
Precision SMA Female to SMP Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
Precision SMA Female to SMP Female Adapter
PE9779
PE9779 REV


Similar Part No. - PE9779

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9770 PASTERNACK-PE9770 Datasheet
243Kb / 2P
N Female to Reverse Polarity N Male Adapter
PE9771 PASTERNACK-PE9771 Datasheet
236Kb / 2P
N Male to Reverse Polarity N Female Adapter
PE9772 PASTERNACK-PE9772 Datasheet
77Kb / 1P
REVERSE POLARITY N MALE TO REVERSE POLARITY N MALE
PE9773 PASTERNACK-PE9773 Datasheet
240Kb / 2P
Reverse Polarity N Female to Reverse Polarity N Female Adapter
PE9774 PASTERNACK-PE9774 Datasheet
251Kb / 3P
Precision QD SMA Male to SMA Female Adapter
More results

Similar Description - PE9779

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9778 PASTERNACK-PE9778 Datasheet
109Kb / 1P
SMP MALE TO SMA FEMALE PRECISION ADAPTER
PE91051 PASTERNACK-PE91051 Datasheet
452Kb / 3P
Precision SMA Female to Mini SMP Female Adapter
PE91055 PASTERNACK-PE91055 Datasheet
458Kb / 3P
Precision 2.4mm Female to SMP Female Adapter
PE91062 PASTERNACK-PE91062 Datasheet
458Kb / 3P
Precision SMA Male to Mini SMP Female Adapter
PE91064 PASTERNACK-PE91064 Datasheet
455Kb / 3P
Precision SMA Female to SMP Female Adapter
PE91065 PASTERNACK-PE91065 Datasheet
745Kb / 3P
Precision SMP Female to SMP Female Adapter
PE91069 PASTERNACK-PE91069 Datasheet
458Kb / 3P
Precision Mini SMP Female to Mini SMP Female Adapter
PE91103 PASTERNACK-PE91103 Datasheet
252Kb / 3P
Precision SMA Male to Mini SMP Female Adapter
PE91301 PASTERNACK-PE91301 Datasheet
355Kb / 3P
SMA Female to Mini SMP Female Adapter
PE91308 PASTERNACK-PE91308 Datasheet
357Kb / 3P
SMA Female to SMP Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com