Electronic Components Datasheet Search
  English  ▼

X  

PE9783 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9783
Description  TNC Male to BNC Female Right Angle Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9783 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9783 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9783 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Male to BNC Female Right Angle Adapter
Configuration
Connector 1
TNC Male
Impedance 1
50 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Right Angle
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.04 [26.42]
Width/Dia., in [mm]
0.59 [14.99]
Height, in [mm]
0.8 [20.32]
.
Connector 1
Type
TNC Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/tnc-male-bnc-female-right-angle-adapter-pe9783-p.aspx
TNC Male to BNC Female Right Angle Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
TNC Male to BNC Female Right Angle Adapter
PE9783
PE9783 REV


Similar Part No. - PE9783

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE9781 PASTERNACK-PE9781 Datasheet
113Kb / 1P
MINI SMP MALE TO 2.92mm FEMALE
PE9782 PASTERNACK-PE9782 Datasheet
212Kb / 1P
2.92mm FEMALE TO MINI SMP FEMALE
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
More results

Similar Description - PE9783

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3534 POMONA-3534 Datasheet
24Kb / 1P
Adapter BNC (Female-Male) Right Angle
3844 POMONA-3844 Datasheet
52Kb / 1P
TNC Male To BNC Female Adapter
6701 POMONA-6701 Datasheet
25Kb / 1P
BNC Male to Dual BNC Female Right-Angle Adapter
logo
Pasternack Enterprises,...
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
BNC Male to BNC Female Right Angle Adapter
PE9088 PASTERNACK-PE9088 Datasheet
246Kb / 3P
TNC Male to BNC Female Adapter
PE9098 PASTERNACK-PE9098 Datasheet
248Kb / 2P
TNC Female to BNC Male Adapter
PE9100 PASTERNACK-PE9100 Datasheet
799Kb / 2P
TNC Male to TNC Female Right Angle Adapter
PE9263 PASTERNACK-PE9263 Datasheet
251Kb / 3P
N Female to TNC Male Right Angle Adapter
PE9550 PASTERNACK-PE9550 Datasheet
242Kb / 2P
N Male to TNC Female Right Angle Adapter
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
BNC Male to BNC Female Right Angle Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com