Electronic Components Datasheet Search
  English  ▼

X  

PE9786 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9786
Description  SMA Female to QMA Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9786 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9786 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9786 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9786 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female to QMA Male Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
QMA Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum Operating Voltage, Volts
480
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.05:1
Return Loss, dB
32
Insertion Loss, dB
0.051
Frequency 2
Frequency, GHz
3 to 6
VSWR
1.08:1
Return Loss, dB
28
Insertion Loss, dB
0.073
Mechanical Specifications
Temperature
Operating Range,deg C
-40 to +85
Storage Range, deg C
-40 to +85
Size
Length, in [mm]
0.949 [24.1]
Width/Dia., in [mm]
0.41 [10.41]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
SMA Female to QMA Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to QMA Male Adapter PE9786
PE9786
PE9786 REV


Similar Part No. - PE9786

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
More results

Similar Description - PE9786

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4293 POMONA-4293 Datasheet
21Kb / 1P
Adapter, SMA Female To TNC Male
logo
Pasternack Enterprises,...
PE9103 PASTERNACK-PE9103 Datasheet
253Kb / 3P
SMA Male to SMA Female Adapter
PE9787 PASTERNACK-PE9787 Datasheet
464Kb / 3P
N Male to QMA Female Adapter
PE9546 PASTERNACK-PE9546 Datasheet
242Kb / 2P
QD SMA Male to SMA Female Adapter
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
PE91342 PASTERNACK-PE91342 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Male to QMA Female Snap-On Adapter
PE91345 PASTERNACK-PE91345 Datasheet
345Kb / 4P
Hermetically Sealed Snap-On QMA Male to SMA Female Snap-On Adapter
PE91346 PASTERNACK-PE91346 Datasheet
346Kb / 4P
Hermetically Sealed Snap-On QMA Female to SMA Male Adapter
logo
Mini-Circuits
SFR-SM50 MINI-SFR-SM50 Datasheet
186Kb / 2P
Adapter SMA-Female to SMA-Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com