Electronic Components Datasheet Search
  English  ▼

X  

PE9787 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9787
Description  N Male to QMA Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9787 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9787 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9787 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9787 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male to QMA Female Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-PRF-39012
Connector 2
QMA Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Maximum Operating Voltage, Volts
480
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.05:1
Return Loss, dB
32
Frequency 2
Frequency, GHz
3 to 8
VSWR
1.2:1
Return Loss, dB
21
Mechanical Specifications
Temperature
Operating Range,deg C
-40 to +85
Storage Range, deg C
-40 to +85
Size
Length, in [mm]
1.102 [27.99]
Width/Dia., in [mm]
0.826 [20.98]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, mm
18
Torque, in-lbs [Nm]
15 [1.7]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
N Male to QMA Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to QMA Female Adapter PE9787
PE9787
PE9787 REV


Similar Part No. - PE9787

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE9781 PASTERNACK-PE9781 Datasheet
113Kb / 1P
MINI SMP MALE TO 2.92mm FEMALE
PE9782 PASTERNACK-PE9782 Datasheet
212Kb / 1P
2.92mm FEMALE TO MINI SMP FEMALE
PE9783 PASTERNACK-PE9783 Datasheet
243Kb / 2P
TNC Male to BNC Female Right Angle Adapter
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
More results

Similar Description - PE9787

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
N Male to N Female Adapter
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
PE91341 PASTERNACK-PE91341 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Male to QMA Male Snap-On Adapter
PE91342 PASTERNACK-PE91342 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Male to QMA Female Snap-On Adapter
PE91343 PASTERNACK-PE91343 Datasheet
344Kb / 4P
Hermetically Sealed Snap-On QMA Female to QMA Female Snap-On Adapter
PE91346 PASTERNACK-PE91346 Datasheet
346Kb / 4P
Hermetically Sealed Snap-On QMA Female to SMA Male Adapter
logo
Huber+Suhner, Inc.
33_QMA-N-50-1133_N HUBERSUHNER-33_QMA-N-50-1133_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, QMA - N, 50 Ohm, plug / jack (male / female)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com