Electronic Components Datasheet Search
  English  ▼

X  

PE9788 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9788
Description  N Female to QN Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9788 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9788 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9788 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9788 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female to QN Male Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-PRF-39012
Connector 2
QN Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Maximum Insertion Loss, dB
0.17
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, GHz
DC to 3
VSWR
1.07:1
Return Loss, dB
30
Insertion Loss, dB
0.086
Frequency 2
Frequency, GHz
3 to 6
VSWR
1.12:1
Return Loss, dB
25
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range,deg C
-40 to +125
Size
Length, in [mm]
1.46 [37.08]
Width/Dia., in [mm]
0.748 [19]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
N Female to QN Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female to QN Male Adapter PE9788
PE9788
PE9788 REV


Similar Part No. - PE9788

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9780 PASTERNACK-PE9780 Datasheet
258Kb / 3P
Mini SMP Female to Mini SMP Female Adapter
PE9781 PASTERNACK-PE9781 Datasheet
113Kb / 1P
MINI SMP MALE TO 2.92mm FEMALE
PE9782 PASTERNACK-PE9782 Datasheet
212Kb / 1P
2.92mm FEMALE TO MINI SMP FEMALE
PE9783 PASTERNACK-PE9783 Datasheet
243Kb / 2P
TNC Male to BNC Female Right Angle Adapter
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
SMA Female to QMA Male Adapter
More results

Similar Description - PE9788

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE9124 PASTERNACK-PE9124 Datasheet
251Kb / 3P
N Male to C Female Adapter
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
N Female to HN Male Adapter
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
N Male to N Female Adapter
PE9789 PASTERNACK-PE9789 Datasheet
465Kb / 3P
N Male to QN Female Adapter
PE38455 PASTERNACK-PE38455 Datasheet
215Kb / 1P
CABLE ASSEMBLY, RG223/U, QN MALE TO N FEMALE
PE38457 PASTERNACK-PE38457 Datasheet
231Kb / 1P
CABLE ASSEMBLY, PE-T195, QN MALE TO N FEMALE
logo
Huber+Suhner, Inc.
33_N-QN-U50-1133_N HUBERSUHNER-33_N-QN-U50-1133_N Datasheet
456Kb / 2P
COAXIAL ADAPTER, N - QN, 50 Ohm, plug / jack (male / female)
33_QN-N-50-1133_N HUBERSUHNER-33_QN-N-50-1133_N Datasheet
525Kb / 2P
COAXIAL ADAPTER, QN - N, 50 Ohm, plug / jack (male / female)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com