Electronic Components Datasheet Search
  English  ▼

X  

APT60D30LCT Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT60D30LCT
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT60D30LCT Datasheet(HTML) 2 Page - Advanced Power Technology

  APT60D30LCT Datasheet HTML 1Page - Advanced Power Technology APT60D30LCT Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADVANCE
TECHNICAL
INFORMATION
MIN
TYP
MAX
53
TBD
45
70
182
182
12
17
18
25
315
750
7.5
7.5
690
845
UNIT
ns
Amps
nC
Volts
A/µS
APT60D30LCT
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A/µs, V
R
= 30V, T
J
= 25°C
Reverse Recovery Time
T
J
= 25°C
I
F
= 60A, di
F
/dt = -480A/µs, V
R
= 180V
T
J
= 100°C
Forward Recovery Time
T
J
= 25°C
I
F
= 60A, di
F
/dt = 480A/µs, V
R
= 180V
T
J
= 100°C
Reverse Recovery Current
T
J
= 25°C
I
F
= 60A, di
F
/dt = -480A/µs, V
R
= 180V
T
J
= 100°C
Recovery Charge
T
J
= 25°C
I
F
= 60A, di
F
/dt = -480A/µs, V
R
= 180V
T
J
= 100°C
Forward Recovery Voltage
T
J
= 25°C
I
F
= 60A, di
F
/dt = 480A/µs, V
R
= 180V
T
J
= 100°C
Rate of Fall of Recovery Current
T
J
= 25°C
I
F
= 60A, di
F
/dt = -480A/µs, V
R
= 180V
T
J
= 100°C
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/ dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
Symbol
RqJC
RqJA
W
T
Torque
MIN
TYP
MAX
0.66
40
0.35
9.9
10
1.1
UNIT
°C/W
oz
gm
lb•in
N•m
TO-264 Package Outline
APT Reserves the right to change, without notice, the specifications and information contained herein.
APT's devices are covered by one or more of the following U.S.patents:
4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058
19.51 (.768)
20.50 (.807)
19.81 (.780)
21.39 (.842)
25.48 (1.003)
26.49 (1.043)
2.29 (.090)
2.69 (.106)
0.76 (.030)
1.30 (.051)
3.10 (.122)
3.48 (.137)
4.60 (.181)
5.21 (.205)
1.80 (.071)
2.01 (.079)
2.59 (.102)
3.00 (.118)
0.48 (.019)
0.84 (.033)
Common Cathode
Anode 2
Anode 1
Dimensions in Millimeters and (Inches)
2.29 (.090)
2.69 (.106)
5.79 (.228)
6.20 (.244)
2.79 (.110)
3.18 (.125)
5.45 (.215) BSC
2-Plcs.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com