Electronic Components Datasheet Search
  English  ▼

X  

MKW2021 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MKW2021
Description  DC/DC CONVERTER 12W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW2021 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MKW2021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW2021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW2021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW2021 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MKW2000 SERIES
DC/DC CONVERTER 12W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/03/19 REV:4
Page 2 of 4
®
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±1.0
%Vom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.5
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.1
±0.5
%
Io=10% to 100% (3.3Vo)
---
±0.8
±1.0
%
Load Regulation
Io=10% to 100%
---
±0.2
±0.5
%
Ripple & Noise (20MHz)
---
50
75
mV P-P
Transient Recovery Time
---
150
250
μsec
Transient Response Deviation
25% Load Step Change
---
±1.5
±2.5
%
Temperature Coefficient
---
±0.01
±0.02
%/
℃
Over Load Protection
Foldback
120
TBD
---
%
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
500
650
pF
Switching Frequency
300
350
400
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
700,000
---
---
Hours
Safety Approvals
UL/cUL 60950-1 recognition(UL certificate), IEC/EN 60950-1
Input Fuse
24V Input Models
48V Input Models
1500mA Slow-Blow Type
750mA Slow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+85
℃
Case Temperature
---
+90
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃
Power Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com