Electronic Components Datasheet Search
  English  ▼

X  

MAU402 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MAU402
Description  DC/DC CONVERTER 1W Small SIP Package I/O-isolation 3000VA Crms
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU402 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MAU402 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU402 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU402 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU402 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAU400 SERIES
DC/DC CONVERTER 1W, Reinforced Insulation, Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/24 REV:10 Page 3 of 4
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►Pins ±0.05 (±0.002)
Physical Characteristics
Case Size
: 22.0x7.5x12.5mm (0.87x0.30x0.49 inches)
Case Material
: Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
: Alloy 42
Weight
: 3.9g
0.5
[0.02]
2.54
[0.10]
7.62
[0.30]
2X2.54
[2X0.10]
22.0 [0.87]
21.0 [0.83]
0.50
[0.02]
1
2
7
5
6
Bottom View
3.5
[0.14]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com