Electronic Components Datasheet Search
  English  ▼

X  

APT60GT60JR Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT60GT60JR
Description  The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT60GT60JR Datasheet(HTML) 2 Page - Advanced Power Technology

  APT60GT60JR Datasheet HTML 1Page - Advanced Power Technology APT60GT60JR Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Symbol
Cies
Coes
Cres
Qg
Qge
Qgc
td(on)
tr
td(off)
tf
td(on)
tr
td(off)
tf
Eon
Eoff
Ets
td(on)
tr
td(off)
tf
Ets
gfe
DYNAMIC CHARACTERISTICS
APT60GT60JR
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge 3
Gate-Emitter Charge
Gate-Collector ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Turn-on Switching Energy
Turn-off Switching Energy
Total Switching Losses
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Total Switching Losses
Forward Transconductance
Test Conditions
Capacitance
VGE = 0V
VCE = 25V
f = 1 MHz
Gate Charge
VGE = 15V
VCC = 0.66VCES
IC = IC2
Resistive Switching (25°C)
VGE = 15V
VCC = 0.66VCES
IC = IC2
RG = 5W
Inductive Switching (150°C)
VCLAMP(Peak) = 0.66VCES
VGE = 15V
IC = IC2
RG = 5W
TJ = +150°C
Inductive Switching (25°C)
VCLAMP(Peak) = 0.66VCES
VGE = 15V
IC = IC2
RG = 5W
TJ = +25°C
VCE = 20V, IC = IC2
MIN
TYP
MAX
3200
310
180
280
120
20
14
55
190
140
25
75
300
95
1.9
2.4
4.3
25
75
260
90
3.8
6
UNIT
pF
nC
ns
ns
mJ
ns
mJ
S
UNIT
°C/W
oz
gm
lb•in
N•m
MIN
TYP
MAX
0.33
20
1.03
29.2
10
1.5
Characteristic
Junction to Case
Junction to Ambient
Package Weight
Mounting Torque (Mounting = 8-32 or 4mm Machine and Terminals = 4mm Machine)
Symbol
RQJC
RQJA
WT
Torque
THERMAL AND MECHANICAL CHARACTERISTICS
1
Repetitive Rating: Pulse width limited by maximum junction temperature.
2
I
C = IC2, RGE = 25
W, L = 100µH, T
j = 25°C
3
See MIL-STD-750 Method 3471
APT Reserves the right to change, without notice, the specifications and information contained herein.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com