Electronic Components Datasheet Search
  English  ▼

X  

PE9918 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9918
Description  Precision Reverse Polarity TNC Male to Reverse Polarity TNC Female Right Angle Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9918 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9918 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9918 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9918 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision Reverse Polarity TNC Male to Reverse Polarity TNC Female Right Angle Adapter
Configuration
Connector 1
TNC Male Reverse Polarity
Impedance 1
50 Ohms
Connector 2
TNC Female Reverse Polarity
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 11
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.25:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.965 [24.51]
Width/Dia., in [mm]
1.051 [26.7]
Height, in [mm]
0.59 [14.99]
.
Connector 1
Type
TNC Male Reverse Polarity
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
TNC Female Reverse Polarity
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Precision Reverse Polarity TNC Male to Reverse Polarity
TNC Female Right Angle Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision Reverse Polarity TNC Male to Reverse Polarity TNC Female Right Angle Adapter
PE9918
PE9918
PE9918 REV


Similar Part No. - PE9918

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9910 PASTERNACK-PE9910 Datasheet
109Kb / 1P
BREAKOUT, BNC FEMALE TO MINIATURE ALLIGATOR CLIPS
PE9911 PASTERNACK-PE9911 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO STACKING TIP PLUGS
PE9912 PASTERNACK-PE9912 Datasheet
112Kb / 1P
BREAKOUT, BNC FEMALE RO STANDARD STACKING BANANA PLUGS
PE9913 PASTERNACK-PE9913 Datasheet
111Kb / 1P
BREAKOUT, BNC FEMALE TO MINIATURE STACKING BANANA PLUGS
PE9914 PASTERNACK-PE9914 Datasheet
106Kb / 1P
BREAKOUT, BNC FEMLAE TO SAFETY HOOKS
More results

Similar Description - PE9918

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9531 PASTERNACK-PE9531 Datasheet
247Kb / 2P
TNC Female to Reverse Polarity TNC Male Adapter
PE9532 PASTERNACK-PE9532 Datasheet
240Kb / 2P
TNC Male to Reverse Polarity TNC Female Adapter
PE9596 PASTERNACK-PE9596 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to TNC Female Adapter
PE9598 PASTERNACK-PE9598 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to TNC Male Adapter
PE9602 PASTERNACK-PE9602 Datasheet
248Kb / 2P
SMA Female to Reverse Polarity TNC Male Adapter
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
PE9605 PASTERNACK-PE9605 Datasheet
259Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity TNC Male Adapter
PE9607 PASTERNACK-PE9607 Datasheet
255Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity TNC Male Adapter
PE9606 PASTERNACK-PE9606 Datasheet
376Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity TNC Female Adapter
PE91087 PASTERNACK-PE91087 Datasheet
362Kb / 4P
Reverse Polarity TNC Female to BNC Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com