Electronic Components Datasheet Search
  English  ▼

X  

PE51021 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51021
Description  NMO Mount, no cable or connector Frequency: DC-1000MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51021 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51021 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE51021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51020 PASTERNACK-PE51020 Datasheet
72Kb / 1P
NMO MOUNT, FOR ANTENNAS OVER 1GHz, SMA CONNECTOR, DC-5800MHZ
PE51022-1 PASTERNACK-PE51022-1 Datasheet
259Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA MALE, RG58
PE51022-10 PASTERNACK-PE51022-10 Datasheet
232Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO MINI UHF MALE, RG58
PE51022-11 PASTERNACK-PE51022-11 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO MINI UHF FEMALE, RG58
PE51022-12 PASTERNACK-PE51022-12 Datasheet
241Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO REVERSE POLARITY SMA MALE, RG58
More results

Similar Description - PE51021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51022-1 PASTERNACK-PE51022-1 Datasheet
259Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA MALE, RG58
PE51022-3 PASTERNACK-PE51022-3 Datasheet
231Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO N MALE, RG58
PE51022-4 PASTERNACK-PE51022-4 Datasheet
231Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO N FEMALE, RG58
PE51022-5 PASTERNACK-PE51022-5 Datasheet
234Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO FME FEMALE, RG58
PE51022-8 PASTERNACK-PE51022-8 Datasheet
232Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO TNC MALE, RG58
PE37844 PASTERNACK-PE37844 Datasheet
135Kb / 1P
ANTENNA MOUNT(NMO) CABLE ASSEMBLY NMO MOUNT TO BNC MALE 1GHz RG58
PE37845 PASTERNACK-PE37845 Datasheet
135Kb / 1P
ANTENNA MOUNT(NMO)CABLE ASSEMBLY NMO MOUNT TO BNC FEMALE, 1GHz RG58
PE37840 PASTERNACK-PE37840 Datasheet
135Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MOUNT TO SMA MALE, 1GHz RG58
PE37841 PASTERNACK-PE37841 Datasheet
135Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MOUNT TO SMA FEMALE, 1GHz, RG58
PE37842 PASTERNACK-PE37842 Datasheet
133Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MOUNT TO FME MALE, 1GHz, RG58
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com