Electronic Components Datasheet Search
  English  ▼

X  

MEW1021 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MEW1021
Description  DC/DC CONVERTER 2W High Power Density in SIP-9 Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MEW1021 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MEW1021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MEW1021 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MEW1000 SERIES
DC/DC CONVERTER 2W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/02/04 REV:7 Page 2 of 4
®
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage SettingAccuracy
At 50% Load and Nominal Vin
---
---
±2.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.3
±0.5
%
Load Regulation
Io=25% to 100%
---
±0.5
±0.75
%
Ripple & Noise
max. 20MHz Bandwidth
---
30
50
mV P-P
Transient Recovery Time
---
100
300
µsec
Transient Response Deviation
25% Load Step Change
---
±3
±5
%
Temperature Coefficient
---
±0.01
±0.02
%/℃
Output Short Circuit
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
M
I/O Isolation Capacitance
100KHz, 1V
---
250
500
pF
Switching Frequency
---
300
---
KHz
MTBF (Calculated)
MIL-HDBK-217F@25℃, Ground Benign
1,000,000
---
---
Hours
Input Fuse
24V Input Models
48V Input Models
350mASlow-Blow Type
135mASlow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
Under 0.6 VDC or Open Circuit, drops down to 0VDC by 2mV/℃
Converter Off
2.9 to 15 VDC
Standby Input Current
---
1
3
mA
Control Input Current ( on )
Vin = 0V
---
---
-1
mA
Control Input Current ( off )
Vin = 5.0V
---
---
1
mA
Control Common
Referenced to Negative Input
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
OperatingAmbient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+85
℃
Case Temperature
---
+90
℃
Storage Temperature Range
-55
+105
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃
Power Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com