Electronic Components Datasheet Search
  English  ▼

X  

MEW1024 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MEW1024
Description  DC/DC CONVERTER 2W High Power Density in SIP-9 Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MEW1024 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MEW1024 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MEW1024 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MEW1024 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MEW1024 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MEW1000 SERIES
DC/DC CONVERTER 2W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/02/04 REV:7 Page 3 of 4
®
Notes
1 Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2 Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3 Ripple & Noise measurement bandwidth is 0-20 MHz.
4 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however, they may not meet all specifications listed.
5 All DC/DC converters should be externally fused at the front end for protection.
6 Other input and output voltage may be available, please contact factory.
7 Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
-Vin
-Vin
2
+Vin
+Vin
3
Remote On/Off
Remote On/Off
6
+Vout
+Vout
7
NC
Common
8
NC
NC
9
-Vout
-Vout
NC: No Connection
►
All dimensions in mm (inches)
►
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►
Pins ±0.1(±0.004)
Physical Characteristics
Case Size
: 25.95x9.25x12.45 mm (1.02x0.36x0.49 inches)
Case Material
: Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
: Alloy 42
Weight
: 6.5g
2X2.54
[2X0.10]
7.62
[0.30]
3X2.54
[3X0.10]
25.95 [1.02]
0.5
[0.02]
0.50
[0.02]
24.95 [0.98]
Bottom View
1
2
3
6
7
8
9
2.0
[0.08]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com