Electronic Components Datasheet Search
  English  ▼

X  

FHM2 Datasheet(PDF) 1 Page - Littelfuse

Part # FHM2
Description  Intended for use
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FHM2 Datasheet(HTML) 1 Page - Littelfuse

  FHM2 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12 IN-LINE FUSEHOLDERS & POWER FEED DEVICES
A. MINI® Fuse In-line Fuseholder
with Protective Cap
Use with MINI® Fuse 2 to 20 amps. Supplied with two 4"
wire leads of 14 gauge black wire. Includes protective cover
for harsh environment
Part No.
FHM 1
US
Carded No.
FHM 1 BP
Canadian
Carded No.
FHM 1 CABP
B. MINI® Fuse Heavy Duty In-Line Fuseholder
with Protective Cap
Use with MINI® Fuse 25 and 30 amp fuses. Supplied with
two 4" wire leads of 12 gauge orange wire. Includes protec-
tive cover for harsh environment.
C. MINI® Fuse Easy-Crimp In-line Fuseholder
Use with MINI® Fuse 2 to 30 amps. Quickly and easily
crimps stranded copper wire to fuseholder terminals using
standard crimping tool.
Part No.
153002
153003
US
Carded No.
153002 BP
153003 BP
Canadian
Carded No.
153002 CABP
153003 CABP
AWG
#16 – 20
#10 – 14
Amp Max
20 amp
30 amp
D. ATO® Fuse In-Line Fuseholder
with Protective Cap
Use with ATO® Fuse 1 to 20 amps. Supplied with two 4"
wire leads of 16 gauge black wire. Includes protective cover
for harsh environment.
E. ATO® Fuse Heavy Duty In-Line Fuseholder
with Protective Cap
Use with ATO® 25 and 30 amp fuses for air conditioner or
other heavy duty applications. Supplied with two 4" wire
leads of 12 gauge orange wire. Includes protective cover
for harsh environment.
F. ATO® Fuse In-Line Fuseholder
Use with ATO® Fuse 1 to 20 amps. Supplied with two 4"
wire leads of 16 gauge black wire.
G. ATO® Fuse Heavy Duty In-Line Fuseholder
Use with ATO® 25 and 30 amp fuses for air conditioner or
other heavy duty applications. Supplied with two 4" wire
leads of 12 gauge orange wire. FHA 30 includes 30
amp fuse.
Part No.
FHM 2
US
Carded No.
FHM 2 BP
Canadian
Carded No.
FHM 2 CABP
Part No.
FHAC 1
US
Carded No.
FHAC 1 BP
Canadian
Carded No.
FHAC 1 CABP
Part No.
FHAC 2
US
Carded No.
FHAC 2 BP
Canadian
Carded No.
FHAC 2 CABP
Part No.
FHA 1
US
Carded No.
FHA 1 BP
Canadian
Carded No.
FHA 1 CABP
Part No.
FHA 2
FHA 30
US
Carded No.
FHA 2 BP
FHA 30 BP
Canadian
Carded No.
FHA 2 CABP
FHA 30 CABP
FUSEHOLDERS
A
B
C
D
E
F
G


Similar Part No. - FHM2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FHM20200Z LITTELFUSE-FHM20200Z Datasheet
419Kb / 1P
ADD-A-CIRCUIT MINI/MICRO2 FUSE HOLDER
FHM20200Z LITTELFUSE-FHM20200Z Datasheet
211Kb / 1P
MINI짰 ADD-A-CIRCUIT짰 SERIES FUSE HOLDER FOR MINI짰, LOW PROFILE MINI짰, OR MICRO2짰 FUSES
2021
FHM20200Z LITTELFUSE-FHM20200Z Datasheet
219Kb / 1P
Fuse Holder for MINI, Low Profile MINI, or MICRO2 Fuses
2025
FHM20200ZPA LITTELFUSE-FHM20200ZPA Datasheet
419Kb / 1P
ADD-A-CIRCUIT MINI/MICRO2 FUSE HOLDER
FHM20200ZPA LITTELFUSE-FHM20200ZPA Datasheet
211Kb / 1P
MINI짰 ADD-A-CIRCUIT짰 SERIES FUSE HOLDER FOR MINI짰, LOW PROFILE MINI짰, OR MICRO2짰 FUSES
2021
More results

Similar Description - FHM2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS998 ETC1-AS998 Datasheet
30Kb / 6P
IC intended for use as a PWM controller
logo
Energizer
EN92 ENERGIZER-EN92 Datasheet
140Kb / 2P
AAA NOT INTENDED FOR RETAIL TRADE
EN93 ENERGIZER-EN93 Datasheet
147Kb / 2P
C NOT INTENDED FOR RETAIL TRADE
EN95 ENERGIZER-EN95 Datasheet
148Kb / 2P
D NOT INTENDED FOR RETAIL TRADE
EN529 ENERGIZER-EN529 Datasheet
95Kb / 2P
6V NOT INTENDED FOR RETAIL TRADE
logo
NXP Semiconductors
55125 PHILIPS-55125 Datasheet
960Kb / 24P
WATER COOLED MAGNETRON ESPECIALLY INTENDED FOR USE AS CONTINUOUS WAVE OSCILLATOR
4.4.1961
logo
Advanced Crystal Techno...
ACTF480N ACT-ACTF480N Datasheet
74Kb / 3P
LOW INSERTION LOSS Saw filter intended for use in satellite program receivers
SEPT 04
logo
Amphenol Corporation
P-U90-G3X1-1XXX AMPHENOL-P-U90-G3X1-1XXX Datasheet
765Kb / 11P
CAGE IS INTENDED FOR USE WITH THE
logo
Littelfuse
153002 LITTELFUSE-153002_15 Datasheet
269Kb / 1P
Intended for use with 32 volts Autofuse fuses
logo
NXP Semiconductors
ECC83 PHILIPS-ECC83 Datasheet
152Kb / 7P
Double triod intended for use as A.F. amplifier
1999.8.14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com