Electronic Components Datasheet Search
  English  ▼

X  

C2003A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C2003A
Description  HOOK-UP WIRE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C2003A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C2003A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C2003A
Date:
7/11/2007
Revision Level:
2
1C 24 SOLID TC PVC INS
HOOK-UP WIRE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Print Legend:
#24 AWG Solid Tinned Copper
0.016" Wall Polyvinyl Chloride
0.020" nom.
CAROL 24 AWG RU AWM 80C VW-1 E18621-8 ---CSA LL69381 TR64 90C --- MADE IN USA
0.052" nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
80C (1007) / 105C (1569) / 90C (TR-64)
300Vrms
27.2 Ohms/1000 ft nom
UL Subject 758
AWM Style 1007, 1569
CSA International
Type TR64
1
Contact Customer Service for Colors
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C2003A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2003.21.01 GENERAL-C2003.21.01 Datasheet
74Kb / 3P
(C2003) Hook-Up Wire, 24 AWG Solid Tinned Copper, PVC Insulation, Black - 1000 Ft. Spool
C2003.21.02 GENERAL-C2003.21.02 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 24Conductor/Strands: Solid
C2003.21.03 GENERAL-C2003.21.03 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 24, Conductor/Strands: Solid
C2003.21.04 GENERAL-C2003.21.04 Datasheet
75Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 24, Conductor/Strands: Solid
C2003.21.05 GENERAL-C2003.21.05 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 24, Conductor/Strands: Solid
More results

Similar Description - C2003A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2016A GENERAL-C2016A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
HOOK UP WIRE
C2052A GENERAL-C2052A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2101A GENERAL-C2101A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2117A GENERAL-C2117A Datasheet
80Kb / 1P
HOOK-UP WIRE
logo
Alpha Wire
3047 ALPHAWIRE-3047 Datasheet
2Mb / 49P
Hook-Up Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com