Electronic Components Datasheet Search
  English  ▼

X  

PE91003 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91003
Description  50 Ohm SMA Male to 75 Ohm F Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91003 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91003 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm SMA Male to 75 Ohm F Female Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
F Female
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.07 [27.18]
Width/Dia., in [mm]
0.375 [9.53]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
F Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-f-female-straight-adapter-pe91003-p.aspx
50 Ohm SMA Male to 75 Ohm F Female Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
50 Ohm SMA Male to 75 Ohm F Female Adapter
PE91003
PE91003 REV


Similar Part No. - PE91003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9100 PASTERNACK-PE9100 Datasheet
799Kb / 2P
TNC Male to TNC Female Right Angle Adapter
PE91001 PASTERNACK-PE91001 Datasheet
140Kb / 1P
ADAPTER; 50 OHM SMA FEMALE TO F MALE
PE91002 PASTERNACK-PE91002 Datasheet
233Kb / 2P
50 Ohm SMA Female to 75 Ohm F Female Adapter
PE91004 PASTERNACK-PE91004 Datasheet
109Kb / 1P
BULLET, SMP FEMALE TO SMP FEMALE, 22.4mm LONG
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
SMA Female to UMCX Plug Adapter
More results

Similar Description - PE91003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9155 PASTERNACK-PE9155 Datasheet
253Kb / 3P
50 Ohm N Male to 75 Ohm F Female Adapter
PE9389 PASTERNACK-PE9389 Datasheet
251Kb / 3P
50 Ohm N Female to 75 Ohm F Male Adapter
PE91001 PASTERNACK-PE91001 Datasheet
140Kb / 1P
ADAPTER; 50 OHM SMA FEMALE TO F MALE
PE91002 PASTERNACK-PE91002 Datasheet
233Kb / 2P
50 Ohm SMA Female to 75 Ohm F Female Adapter
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE70MP1006 PASTERNACK-PE70MP1006 Datasheet
384Kb / 4P
50 Ohm SMA Male To 75 Ohm F Female Matching Pad
PE91045 PASTERNACK-PE91045 Datasheet
439Kb / 3P
50 Ohm SMA Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com