Electronic Components Datasheet Search
  English  ▼

X  

PE91007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91007
Description  SMA Male to UMCX Jack Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91007 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male to UMCX Jack Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
UMCX Jack
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
100
Dielectric Withstanding Voltage, Vrms
200
Mechanical Specifications
Temperature
Operating Range,deg C
-40 to +90
Size
Length, in [mm]
0.415 [10.54]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Gold
Coupling Nut Plating Specification
3µ in. minimum
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
UMCX Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
SMA Male to UMCX Jack Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to UMCX Jack Adapter PE91007
PE91007
PE91007 REV


Similar Part No. - PE91007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9100 PASTERNACK-PE9100 Datasheet
799Kb / 2P
TNC Male to TNC Female Right Angle Adapter
PE91001 PASTERNACK-PE91001 Datasheet
140Kb / 1P
ADAPTER; 50 OHM SMA FEMALE TO F MALE
PE91002 PASTERNACK-PE91002 Datasheet
233Kb / 2P
50 Ohm SMA Female to 75 Ohm F Female Adapter
PE91003 PASTERNACK-PE91003 Datasheet
237Kb / 2P
50 Ohm SMA Male to 75 Ohm F Female Adapter
PE91004 PASTERNACK-PE91004 Datasheet
109Kb / 1P
BULLET, SMP FEMALE TO SMP FEMALE, 22.4mm LONG
More results

Similar Description - PE91007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9145 PASTERNACK-PE9145 Datasheet
234Kb / 2P
SMA Male to SMB Jack Adapter
PE9149 PASTERNACK-PE9149 Datasheet
234Kb / 2P
SMA Male to SMC Jack Adapter
PE9401 PASTERNACK-PE9401 Datasheet
240Kb / 2P
SMA Male to SSMB Jack Adapter
PE9472 PASTERNACK-PE9472 Datasheet
241Kb / 2P
SMA Male to MCX Jack Adapter
PE9478 PASTERNACK-PE9478 Datasheet
241Kb / 2P
SMA Male to MMCX Jack Adapter
PE9690 PASTERNACK-PE9690 Datasheet
257Kb / 3P
SMA Male to 1.0/2.3 Jack Adapter
PE9707 PASTERNACK-PE9707 Datasheet
253Kb / 2P
SMA Male to FME Jack Adapter
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
SMA Female to UMCX Plug Adapter
PE91006 PASTERNACK-PE91006 Datasheet
252Kb / 3P
SMA Female to UMCX Jack Adapter
PE91005 PASTERNACK-PE91005 Datasheet
252Kb / 3P
SMA Female to UMCX Plug Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com