Electronic Components Datasheet Search
  English  ▼

X  

PE91029 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE91029
Description  Precision 7/16 DIN Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91029 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91029 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91029 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91029 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pasternack Enterprises, Inc. • P.O. Box 16759, Irvine, CA 92623
Phone: (866) 727-8376 or (949) 261-1920 • Fax: (949) 261-7451
Sales@Pasternack.com • Techsupport@Pasternack.com
Version C - Revision - © 2011 Pasternack Enterprises All Rights Reserved.
1
7/16 DIN Female to 7/16 DIN Female Low PIM, Low VSWR Precision Adapters
• PIM levels <-165 dBc
• Low VSWR levels up to 8 GHz.
• Tri-metal Albaloy coating
- durable surface with good corrosion protection
- abrasion resistance
- superior electrical contact properties.
• Available is various connector combinations
- 7/16 DIN in-series
- Type N in-series
- 7/16 DIN to Type N and SMA in-between series
• 4-hole flange and bulkhead-mounted styles available
• Ideal choice for use in portable PIM testing
Configuration
Connector 1
7/16 DIN Female
Connector 2
7/16 DIN Female
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range (GHz)
DC to 8
Impedance (Ohms)
50
VSWR, Max
1.2:1
Dielectric Withstanding Voltage (Vrms)
3500
Passive Intermodulation ((<-) dBc @ 2 x 20 Watts)
-165
Frequency 1
Frequency (GHz)
DC to 1
VSWR
1.03:1
Return Loss (dB)
38
Frequency 2
Frequency (GHz)
1 to 5
VSWR
1.08:1
Return Loss (dB)
28
Frequency 3
Frequency (GHz)
5 to 8
VSWR
1.2:1
Return Loss (dB)
21
Precision 7/16 DIN Female to 7/16 DIN Female Adapter Low PIM,
Low VSWR
PE91029
Click the following link for the additional product information:
Precision 7/16 DIN Female to 7/16 DIN Female Adapter Low PIM, Low VSWR PE91029


Similar Part No. - PE91029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9102 PASTERNACK-PE9102 Datasheet
252Kb / 3P
N Tee Adapter Female-Male-Female
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
More results

Similar Description - PE91029

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91031 PASTERNACK-PE91031 Datasheet
457Kb / 4P
Low PIM N Female to 7/16 DIN Male Adapter Low VSWR
PE91032 PASTERNACK-PE91032 Datasheet
365Kb / 3P
Precision N Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91033 PASTERNACK-PE91033 Datasheet
360Kb / 3P
Precision N Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91038 PASTERNACK-PE91038 Datasheet
366Kb / 3P
Precision 7/16 DIN Female to 7/16 DIN Female Bulkhead Adapter Low PIM, Low VSWR
PE91039 PASTERNACK-PE91039 Datasheet
360Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Male Adapter Low PIM, Low VSWR
PE91041 PASTERNACK-PE91041 Datasheet
360Kb / 3P
Precision SMA Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91042 PASTERNACK-PE91042 Datasheet
356Kb / 3P
Precision SMA Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91033 PASTERNACK-PE91033 Datasheet
262Kb / 3P
Low PIM N Female to 7/16 DIN Female Adapter Low VSWR
PE91036 PASTERNACK-PE91036 Datasheet
260Kb / 3P
Low PIM SMA Female to 7/16 DIN Male Adapter Low VSWR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com