Electronic Components Datasheet Search
  English  ▼

X  

PE91031 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91031
Description  Low PIM N Female to 7/16 DIN Male Adapter Low VSWR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91031 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91031 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91031 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91031 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE91031 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Frequency 3
Frequency, GHz
4 to 8
VSWR
1.23:1
Return Loss, dB
20
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +155
Size
Length, in [mm]
2.27 [57.66]
Width/Dia., in [mm]
1.37 [34.8]
.
Weight, lbs [g]
0.32 [145.15]
Connector 1
Type
N Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Silver
Inner Conductor Plating Specification
5 um
Outer Conductor Material and Plating
Brass, Tri-Metal
Outer Conductor Plating Specification
2.54 um
Coupling Nut Plating Specification
2.54 um
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
2.54 um
Dielectric Type
PTFE
Connector 2
Type
7/16 DIN Male
Mating Cycles
500
Inner Conductor Material and Plating
Brass, Silver
Inner Conductor Plating Specification
5 um
Outer Conductor Material and Plating
Brass, Tri-Metal
Outer Conductor Plating Specification
2.54 um
Coupling Nut Material and Plating
Brass, Tri-Metal
Coupling Nut Plating Specification
2.54 um
Hex Size, mm
32
Torque, in-lbs [Nm]
18.4 [24.95]
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
2.54 um
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Low PIM N Female to 7/16 DIN Male Adapter Low VSWR
PE91031
PE91031 REV NC
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM N Female to 7/16 DIN Male Adapter Low VSWR PE91031



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com