Electronic Components Datasheet Search
  English  ▼

X  

PE91033 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91033
Description  Precision N Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91033 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91033 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91033 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91033 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Temperature
OperatingRange,degC
-55to+155
Size
Length,in[mm]
1.95[49.53]
Width/Dia.,in[mm]
1.142[29.01]
.
Weight,lbs[g]
0.19[86.18]
Connector 1
Type
NFemale
MatingCycles
500
InnerConductorMaterialandPlating
BerylliumCopper,Silver
InnerConductorPlatingSpecification
200[5]µin.[µm]minimum
BodyMaterialandPlating
Brass,Tri-Metal
BodyPlatingSpecification
100[2.54]µin.[µm]minimum
DielectricType
PTFE
Connector 2
Type
7/16DINFemale
MatingCycles
500
InnerConductorMaterialandPlating
BerylliumCopper,Silver
InnerConductorPlatingSpecification
200[5]µin.[µm]minimum
BodyMaterialandPlating
Brass,Tri-Metal
BodyPlatingSpecification
100[2.54]µin.[µm]minimum
DielectricType
PTFE
Compliance Certifications (visitwww.Pasternack.comforcurrentdocument)
RoHSCompliant
Yes
Plotted and Other Data
Notes:
Valuesat25°C,sealevel
LowPIMNFemaleto7/16DINFemaleAdapterLowVSWRfromPasternackEnterpriseshassamedayshipmentfordomestic
andInternationalorders.OurRF,microwaveandfiberopticproductsmaintaina99%availabilityandarepartofthebroadest
selectionintheindustry.
Clickthefollowinglink(orenterpartnumberin“SEARCH”onwebsite)toobtainadditionalpartinformationincludingprice,
inventoryandcertifications:LowPIMNFemaleto7/16DINFemaleAdapterLowVSWRPE91033
URL:http://www.pasternack.com/n-female-7-16-female-straight-adapter-pe91033-p.aspx
PE91033
PE91033REVA
LowPIMNFemaleto7/16DINFemaleAdapterLowVSWR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com